Electronic Components Datasheet Search
  English  ▼

X  

ADGS5414 Datasheet(PDF) 19 Page - Analog Devices

Part # ADGS5414
Description  SPI Interface, Octal SPST Switches, 13.5 廓 RON, 짹20 V/36 V, Mux
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADGS5414 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADGS5414 Datasheet HTML 15Page - Analog Devices ADGS5414 Datasheet HTML 16Page - Analog Devices ADGS5414 Datasheet HTML 17Page - Analog Devices ADGS5414 Datasheet HTML 18Page - Analog Devices ADGS5414 Datasheet HTML 19Page - Analog Devices ADGS5414 Datasheet HTML 20Page - Analog Devices ADGS5414 Datasheet HTML 21Page - Analog Devices ADGS5414 Datasheet HTML 22Page - Analog Devices ADGS5414 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 30 page
background image
Data Sheet
ADGS5414
Rev. 0 | Page 19 of 30
TEST CIRCUITS
Figure 28. On Leakage
Figure 29. On Resistance
Figure 30. Channel to Channel Crosstalk
Figure 31. Off Isolation
Figure 32. Off Leakage
Figure 33. THD + Noise
Figure 34. Bandwidth
Figure 35. ACPSRR
VD
Sx
Dx
VS
A
ID (ON)
Sx
Dx
VS
V1
IDS
RON = V1/IDS
CHANNEL TO CHANNEL CROSSTALK = 20 log
VOUT
GND
S1
D2
D1
S2
VOUT
NETWORK
ANALYZER
RL
50Ω
RL
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
NC
OFF ISOLATION = 20 log
VOUT
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
50Ω
VS
VS
VDD
VSS
0.1µF
VDD
0.1µF
VSS
VD
Sx
Dx
VS
A
ID (ON)
GND
Sx
Dx
VOUT
AUDIO PRECISION
RL
1kΩ
RS
VS
V p-p
VDD
VSS
0.1µF
VDD
0.1µF
VSS
INSERTION LOSS = 20 log
VOUT WITH SWITCH
GND
Sx
Dx
VOUT
NETWORK
ANALYZER
RL
50Ω
50Ω
VS
VS WITHOUT SWITCH
VDD
VSS
0.1µF
VDD
0.1µF
VSS
ACPSRR = 20 log
VOUT
VS
GND
D1
S1
VOUT
NETWORK
ANALYZER
RL
50Ω
VDD
VSS
VSS
NC
INTERNAL
BIAS
VS
RL
50Ω
NOTES
1. BOARD AND COMPONENT EFFECTS ARE NOT DE-EMBEDDED
FROM THE ACPSRR MEASUREMENT.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com