Electronic Components Datasheet Search
  English  ▼

X  

ADRF5019 Datasheet(PDF) 6 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADRF5019 Datasheet HTML 2Page - Analog Devices ADRF5019 Datasheet HTML 3Page - Analog Devices ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices ADRF5019 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADRF5019
Data Sheet
Rev. 0 | Page 6 of 12
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
Figure 4. Pin Configuration (Top View)
Table 4. Pin Function Descriptions
Pin No.
Mnemonic
Description
1, 2, 4 to 6, 8, 13, 15, 16
GND
Ground. These pins must be connected to the RF and dc ground of the PCB.
3
RFC
RF Common Port. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
required when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
7
RF2
RF Throw Port 2. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
required when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
9
VSS
Negative Supply Voltage Pin. See Figure 8 for the interface schematic.
10
VCTRL
Control Input Pin. See Figure 6 for interface schematic. See Table 5 for the truth table.
11
LS
Logic Select Input Pin. See Figure 6 for the interface schematic. See Table 5 for the truth table.
12
VDD
Positive Supply Voltage Pin. See Figure 7 for the interface schematic.
14
RF1
RF Throw Port 1. This pin is dc-coupled to 0 V and ac matched to 50 Ω. No dc blocking capacitor is
required when the RF line potential is equal to 0 V dc. See Figure 5 for the interface schematic.
EPAD
Exposed Pad. The exposed pad must be connected to the RF and dc ground of the PCB.
INTERFACE SCHEMATICS
Figure 5. RFC, RF1, and RF2 Pin Interface Schematic
Figure 6. Digital Pins Interface Schematic
Figure 7. VDD Pin Interface Schematic
Figure 8. VSS Pin Interface Schematic
12
11
10
1
3
4
9
2
TOP VIEW
(Not to Scale)
ADRF5019
GND
GND
RFC
GND
VDD
LS
VCTRL
VSS
NOTES
1. EXPOSED PAD. THE EXPOSED PAD MUST BE
CONNECTED TO THE RF AND DC GROUND
OF THE PCB.
RFC, RF1, RF2
VCTRL, LS
VDD
VDD
GND
GND
VDD
CLAMP
GND
GND
VSS
CLAMP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com