Electronic Components Datasheet Search
  English  ▼

X  

ADRF5019 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices ADRF5019 Datasheet HTML 10Page - Analog Devices ADRF5019 Datasheet HTML 11Page - Analog Devices ADRF5019 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADRF5019
Data Sheet
Rev. 0 | Page 8 of 12
INPUT COMPRESSION AND INPUT THIRD-ORDER INTERCEPT
VDD = 3.3 V, VCTRL and LS = 0 V or VDD, and TCASE = 25°C in a 50 Ω system, unless otherwise noted. All of the large signal performance
parameters are measured on the ADRF5019-EVALZ evaluation board.
Figure 13. P0.1dB and P1dB Input Compression vs. Frequency, VSS = −2.5 V
Figure 14. P0.1dB and P1dB Input Compression vs. Frequency (Low
Frequency Detail), VSS = −2.5 V
Figure 15. P1dB Input Compression Point vs. Frequency over Temperature,
VSS = −2.5 V
Figure 16. P0.1dB and P1dB Input Compression vs. Frequency, VSS = 0 V
Figure 17. P0.1dB and P1dB Input Compression vs. Frequency (Low
Frequency Detail), VSS = 0 V
Figure 18. P1dB Input Compression Point vs. Frequency over Temperature
(Low Frequency Detail), VSS = 0 V
40
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
FREQUENCY (GHz)
1dB COMPRESSION POINT
0.1dB COMPRESSION POINT
40
10
15
20
25
30
35
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
1dB COMPRESSION POINT
0.1dB COMPRESSION POINT
40
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
FREQUENCY (GHz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
TCASE = +105°C
40
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
FREQUENCY (GHz)
1dB COMPRESSION POINT
0.1dB COMPRESSION POINT
40
10
15
20
25
30
35
0.01
0.1
1
10
100
1000
FREQUENCY (MHz)
1dB COMPRESSION POINT
0.1dB COMPRESSION POINT
40
10
15
20
25
30
35
0
1
2
3
4
5
6
7
8
9
10
11
12
13
FREQUENCY (GHz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
TCASE = +105°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com