Electronic Components Datasheet Search
  English  ▼

X  

ADRF5019 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices ADRF5019 Datasheet HTML 10Page - Analog Devices ADRF5019 Datasheet HTML 11Page - Analog Devices ADRF5019 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADRF5019
Data Sheet
Rev. 0 | Page 10 of 12
THEORY OF OPERATION
The ADRF5019 integrates a driver to perform logic functions
internally and to provide the user with the advantage of a
simplified positive voltage control interface. The driver features
two digital control input pins (VCTRL and LS) that control the
state of the RF paths, determining which RF port is in the
insertion loss state and which path is in the isolation state (see
Table 5).
RF INPUT AND OUTPUT
The RF ports (RFC, RF1, and RF2) are dc-coupled to 0 V, and
no dc blocking is required at the RF ports when the RF line
potential is equal to 0 V.
The RF ports are internally matched to 50 Ω. Therefore,
external matching networks are not required.
The ADRF5019 is bidirectional with equal power handling
capabilities. An RF input signal (RFIN) can be applied to the
RFC port or to the RF1 port or the RF2 port.
The insertion loss path conducts the RF signal between the
selected RF throw port and the RF common port. The isolation
path provides high loss between the insertion loss path and the
unselected RF throw port, which is nonreflective, by using an
internal 50 Ω termination resistor.
POWER SUPPLY
The ADRF5019 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
filter high frequency noise.
The ideal power-up sequence is as follows:
1. Connect to GND.
2. Power up the VDD and VSS voltages. Power up VSS after VDD
to avoid current transients on VDD during ramp up.
3. Power up the digital control inputs. The order of the digital
control inputs is not important. However, powering the
digital control inputs before the VDD voltage supply can
inadvertantly forward bias and damage the internal ESD
protection structures. To avoid this damage, use a series
1 kΩ resistor to limit the current flowing into the control
pin. Use pull-up or pull-down resistors if the controller
output is in a high impedance state after the VDD voltage is
powered up and the control pins are not driven to a valid
logic state.
4. Apply an RF input signal to RFC, RF1, or RF2.
The ideal power-down sequence is the reverse order of the
power-up sequence.
Single-Supply Operation
The ADRF5019 can operate with a single positive supply voltage
applied to the VDD pin and VSS pin connected to ground.
However, some performance degradations can occur in the
input compression and input third-order intercept.
Table 5. Control Voltage Truth Table
Digital Control Inputs
RF Paths
LS
VCTRL
RF1 to RFC
RF2 to RFC
High
Low
Insertion loss (on)
Isolation (off)
High
High
Isolation (off)
Insertion loss (on)
Low
Low
Isolation (off)
Insertion loss (on)
Low
High
Insertion loss (on)
Isolation (off)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com