Electronic Components Datasheet Search
  English  ▼

X  

ADRF5019 Datasheet(PDF) 7 Page - Analog Devices

Part # ADRF5019
Description  Silicon, SPDT Switch, Nonreflective, 100 MHz to 13 GHz
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5019 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADRF5019 Datasheet HTML 3Page - Analog Devices ADRF5019 Datasheet HTML 4Page - Analog Devices ADRF5019 Datasheet HTML 5Page - Analog Devices ADRF5019 Datasheet HTML 6Page - Analog Devices ADRF5019 Datasheet HTML 7Page - Analog Devices ADRF5019 Datasheet HTML 8Page - Analog Devices ADRF5019 Datasheet HTML 9Page - Analog Devices ADRF5019 Datasheet HTML 10Page - Analog Devices ADRF5019 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet
ADRF5019
Rev. 0 | Page 7 of 12
TYPICAL PERFORMANCE CHARACTERICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
VDD = 3.3 V, VSS = −2.5 V, VCTRL and LS = 0 V or VDD, and TCASE = 25°C in a 50 Ω system, unless otherwise noted.
Figure 9. Insertion Loss vs. Frequency over Temperature
Figure 10. Return Loss vs. Frequency
Figure 11. Isolation Between RFC and RFx Ports vs. Frequency
Figure 12. Isolation Between RF1 and RF2 Ports vs. Frequency
0
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
3
6
9
12
15
FREQUENCY (GHz)
TCASE = –40°C
TCASE = +25°C
TCASE = +85°C
TCASE = +105°C
0
–35
–30
–25
–20
–15
–10
–5
0
3
6
9
12
15
FREQUENCY (GHz)
RFC
RF1, RF2 OFF
RF1, RF2 ON
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
3
6
9
12
15
FREQUENCY (GHz)
RFC TO RF2
RFC TO RF1
0
0
3
6
9
12
15
FREQUENCY (GHz)
RF2 ON
RF1 ON
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com