Electronic Components Datasheet Search
  English  ▼

X  

ADRF5044 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5044 Datasheet HTML 4Page - Analog Devices ADRF5044 Datasheet HTML 5Page - Analog Devices ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices ADRF5044 Datasheet HTML 10Page - Analog Devices ADRF5044 Datasheet HTML 11Page - Analog Devices ADRF5044 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADRF5044
Data Sheet
Rev. A | Page 8 of 14
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF4
Figure 13. Isolation vs. Frequency, RFC to RF3 On
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
RF1 TO RF2
RF1 TO RF3
RF1 TO RF4
RF2 TO RF3
RF2 TO RF4
RF2 TO RF4
Figure 14. Channel to Channel Isolation vs. Frequency, RFC to RF1 On
0
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
35
40
FREQUENCY (GHz)
RFC TO RF1
RFC TO RF2
RFC TO RF3
Figure 15. Isolation vs. Frequency, RFC to RF4 On



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com