Electronic Components Datasheet Search
  English  ▼

X  

ADRF5044 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices ADRF5044 Datasheet HTML 10Page - Analog Devices ADRF5044 Datasheet HTML 11Page - Analog Devices ADRF5044 Datasheet HTML 12Page - Analog Devices ADRF5044 Datasheet HTML 13Page - Analog Devices ADRF5044 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
ADRF5044
Data Sheet
Rev. A | Page 10 of 14
THEORY OF OPERATION
The ADRF5044 requires a positive supply voltage applied to the
VDD pin and a negative supply voltage applied to the VSS pin.
Bypassing capacitors are recommended on the supply lines to
minimize RF coupling.
The ADRF5044 incorporates a driver to perform logic
functions internally and to provide the user with the advantage
of a simplified control interface. The driver features two digital
control input pins (V1 and V2) that control the state of the RF
paths. Depending on the logic level applied to the V1 and V2
pins, one RF path is in an insertion loss state, while the other
three paths are in an isolation state (see Table 5). The insertion
loss path conducts the RF signal equally well in both directions
between the RF throw port and the RF common port, and the
isolation paths provides high loss between the RF throw ports
terminated to internal 50 Ω resistors and the insertion loss
path.
The ideal power-up sequence for the ADRF5044 is as follows:
1.
Connect GND.
2.
Power up VDD and VSS. Powering up VSS after VDD
avoids current transients on VDD during ramp-up.
3.
Apply digital control inputs, V1 and V2. Applying the digital
control inputs before the VDD supply may inadvertently
forward bias and damage the internal ESD protection
structures. In this case, use a series 1 kΩ resistor to limit
the current flowing in to the control pin. If the control pins
are not driven to a valid logic state (for example, if the
controller output is in a high impedance state) after VDD
is powered up, it is recommended to use pull-up and pull-
down resistors.
4.
Apply an RF input signal. The design is bidirectional. The
RF input signal can be applied to the RFC port, while the
RF throw ports are outputs, or vice versa. The RF ports are
dc-coupled to 0 V, and no dc blocking is required at the RF
ports when the RF line potential is equal to 0 V.
The ideal power-down sequence is the reverse order of the
power-up sequence.
Table 5. Control Voltage Truth Table
Digital Control Input
RF Paths
V1
V2
RF1 to RFC
RF2 to RFC
RF3 to RFC
RF4 to RFC
Low
Low
Insertion loss (on)
Isolation (off)
Isolation (off)
Isolation (off)
High
Low
Isolation (off)
Insertion loss (on)
Isolation (off)
Isolation (off)
Low
High
Isolation (off)
Isolation (off)
Insertion loss (on)
Isolation (off)
High
High
Isolation (off)
Isolation (off)
Isolation (off)
Insertion loss (on)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com