Electronic Components Datasheet Search
  English  ▼

X  

ADRF5044 Datasheet(PDF) 14 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices ADRF5044 Datasheet HTML 10Page - Analog Devices ADRF5044 Datasheet HTML 11Page - Analog Devices ADRF5044 Datasheet HTML 12Page - Analog Devices ADRF5044 Datasheet HTML 13Page - Analog Devices ADRF5044 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 14 / 14 page
background image
ADRF5044
Data Sheet
Rev. A | Page 14 of 14
OUTLINE DIMENSIONS
4.10
4.00
3.90
PIN A1
CORNER AREA
TOP VIEW
SIDE VIEW
BOTTOM VIEW
1
6
7
12
13
18
19
24
0.50
BSC
0.125
BSC
2.50 REF
SQ
0.35
0.30
0.25
0.30
0.25
0.20
0.37
0.33
0.28
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
0.96
MAX
0.53 REF
0.30 × 0.45°
PIN 1
INDICATOR
2.40 BSC
SQ
Figure 28. 24-Terminal Land Grid Array [LGA]
(CC-24-4)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADRF5044BCCZN
−40°C to +85°C
24-Terminal Land Grid Array [LGA]
CC-24-4
ADRF5044BCCZN-R7
−40°C to +85°C
24-Terminal Land Grid Array [LGA]
CC-24-4
ADRF5044-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2017–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D16313-3/20(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com