Electronic Components Datasheet Search
  English  ▼

X  

ADRF5044 Datasheet(PDF) 12 Page - Analog Devices

Part # ADRF5044
Description  100 MHz to 30 GHz, Silicon, SP4T Switch
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5044 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADRF5044 Datasheet HTML 6Page - Analog Devices ADRF5044 Datasheet HTML 7Page - Analog Devices ADRF5044 Datasheet HTML 8Page - Analog Devices ADRF5044 Datasheet HTML 9Page - Analog Devices ADRF5044 Datasheet HTML 10Page - Analog Devices ADRF5044 Datasheet HTML 11Page - Analog Devices ADRF5044 Datasheet HTML 12Page - Analog Devices ADRF5044 Datasheet HTML 13Page - Analog Devices ADRF5044 Datasheet HTML 14Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
ADRF5044
Data Sheet
Rev. A | Page 12 of 14
GND
GND
1
1
RF2
RF1
J1
J2
RFC
GND
GND
AGND
AGND
R1
R2
0Ω
0Ω
VDD
VSS
V1
V2
AGND
TP1
TP5
TP2
TP3
TP4
GND
V2
V1
VDD
GND
VSS
GND
1
2
3
4
5
6
13
14
15
16
17
18
C1
100pF
C7
0.1µF
DNI
AGND
C8
0.1µF
DNI
AGND
C5
10µF
DNI
AGND
C4
0.1µF
DNI
AGND
U1
ADRF5044
AGND
AGND
AGND
C2
100pF
C3
0.1µF
DNI
C6
10µF
DNI
AGND
2345
AGND
2345
1
RFC
J3
AGND
23 45
1
RF4
J4
AGND
2 345
1
RF3
J5
AGND
2 345
1
THRU_CAL
DNI
DNI
J6
AGND
23 4 5
1
J7
AGND
2
543
Figure 25. ADRF5044-EVALZ Schematic
Table 6. Evaluation Board Components
Component
Default Value
Description
C1, C2
100 pF
Capacitors, C0402 package
C5, C6
10 μF
Capacitors C3216 package, do not install (DNI)
C3, C4, C7, C8
0.1 μF
Capacitors, C0402 package, DNI
J1 to J7
Not applicable
2.4 mm end launch connector (Southwest Microwave: 1492-04A-5)
R1, R2
0 Ω
Resistors, 0402 package
TP1 to TP5
Not applicable
Through-hole mount test point
U1
ADRF5044
ADRF5044 digital attenuator, Analog Devices, Inc.
PCB
08-042615-01
Evaluation PCB, Analog Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com