Electronic Components Datasheet Search
  English  ▼

X  

AD9375 Datasheet(PDF) 40 Page - Analog Devices

Part # AD9375
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375 Datasheet(HTML) 40 Page - Analog Devices

Back Button AD9375 Datasheet HTML 36Page - Analog Devices AD9375 Datasheet HTML 37Page - Analog Devices AD9375 Datasheet HTML 38Page - Analog Devices AD9375 Datasheet HTML 39Page - Analog Devices AD9375 Datasheet HTML 40Page - Analog Devices AD9375 Datasheet HTML 41Page - Analog Devices AD9375 Datasheet HTML 42Page - Analog Devices AD9375 Datasheet HTML 43Page - Analog Devices AD9375 Datasheet HTML 44Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 61 page
background image
AD9375
Data Sheet
Rev. 0 | Page 40 of 61
RECEIVER INPUT POWER (dBm)
–45
–40
–35
–30
–25
–20
–15
–10
–5
0
–60 –55 –50 –45 –40 –35 –30 –25 –20 –15 –10
–5
0
+110°C
+40°C
–40°C
Figure 135. Receiver Error Vector Magnitude (EVM) vs. Receiver Input Power,
3600 MHz LO, 100 MHz RF Bandwidth, LTE 20 MHz Uplink Centered at DC,
BTC Active, 153.6 MSPS Sample Rate
RECEIVER LO FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
3300
3400
3500
3600
3700
3800
Figure 136. Rx2 to Rx1 Crosstalk vs. Receiver LO Frequency,
100 MHz RF Bandwidth, CW Tone 3 MHz Offset from LO
CLOSE-IN INTERFERER SIGNAL POWER (dBm)
10
12
14
16
18
20
22
24
26
28
30
–50
–45
–40
–35
–30
–25
–20
+110°C
+40°C
–40°C
Figure 137. Receiver Noise Figure vs. Close-In Interferer Signal Power,
3614 MHz LO, 3625 MHz CW Interferer, Noise Figure Integrated over
7 MHz to 10 MHz, 100 MHz RF Bandwidth
OUT-OF-BAND INTERFERER SIGNAL POWER (dBm)
0
5
10
15
20
25
30
–30
–25
–20
–15
–10
–5
0
+110°C
+40°C
–40°C
Figure 138. Receiver Noise Figure vs. Out of Band Interferer Signal Power,
3614 MHz LO, 3665 MHz CW Interferer, Noise Figure Integrated over
7 MHz to 10 MHz
RF ATTENUATION (dB)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
0
5
10
15
20
+110°C
+40°C
–40°C
Figure 139. Transmitter Image vs. RF Attenuation, 100 MHz RF Bandwidth,
3550 MHz LO, Transmitter Quadrature Error Correction (QEC) Tracking Run
with Two 20 MHz, LTE Downlink Carriers, Then Image Measured with CW
10 MHz Offset from LO, 6 dB Digital Backoff, 307.2 MSPS Sample Rate
DESIRED OFFSET FREQUENCY (MHz)
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
–50
–40
–30
–20
–10
0
10
20
30
40
50
+110°C
+40°C
–40°C
Figure 140. Transmitter Image vs. Desired Offset Frequency, 100 MHz RF
Bandwidth, 3550 MHz LO, 0 dB RF Attenuation, Transmitter QEC Tracking
Run with Two 20 MHz LTE Downlink Carriers, Then Image Measured with
CW Signal, 6 dB Digital Backoff, 307.2 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com