Electronic Components Datasheet Search
  English  ▼

X  

AD9375 Datasheet(PDF) 49 Page - Analog Devices

Part # AD9375
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375 Datasheet(HTML) 49 Page - Analog Devices

Back Button AD9375 Datasheet HTML 45Page - Analog Devices AD9375 Datasheet HTML 46Page - Analog Devices AD9375 Datasheet HTML 47Page - Analog Devices AD9375 Datasheet HTML 48Page - Analog Devices AD9375 Datasheet HTML 49Page - Analog Devices AD9375 Datasheet HTML 50Page - Analog Devices AD9375 Datasheet HTML 51Page - Analog Devices AD9375 Datasheet HTML 52Page - Analog Devices AD9375 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 49 of 61
40
0
10
15
35
INTERMODULATION FREQUENCY (MHz)
10
20
5
15
25
30
35
20
25
30
+110°C
+40°C
–40°C
Figure 188. Receiver IIP3 vs. Intermodulation Frequency, 5600 MHz LO,
0 dB Attenuation, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–100
0
30
RECEIVER ATTENUATION (dB)
–80
–90
–70
–60
–50
5
15
25
10
20
+110°C
+40°C
–40°C
Figure 189. Receiver Image vs. Receiver Attenuation, 5600 MHz LO,
Continuous Wave (CW) Signal 10 MHz Offset, 100 MHz RF Bandwidth,
Background Tracking Calibration (BTC) Active, 122.88 MSPS Sample Rate
20
–20
0
30
RECEIVER ATTENUATION (dB)
–10
–15
–5
5
15
0
10
5
15
25
10
20
+110°C
+40°C
–40°C
Figure 190. Receiver Gain vs. Receiver Attenuation, 5600 MHz LO,
CW Signal 10 MHz Offset, 100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
0
30
RECEIVER ATTENUATION (dB)
–90
–100
–80
–60
–70
–50
5
15
25
10
20
+110°C
+40°C
–40°C
Figure 191. Receiver DC Offset vs. Receiver Attenuation, 5850 MHz LO,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
0
30
RECEIVER ATTENUATION (dB)
–90
–100
–80
–60
–70
–50
5
15
25
10
20
+110°C
+40°C
–40°C
Figure 192. Receiver HD2 vs. Receiver Attenuation, 5600 MHz LO,
CW Signal 10 MHz Offset, −20 dBm at 0 dB Attenuation,
Input Power Increasing Decibel for Decibel with Attenuation,
100 MHz RF Bandwidth, 122.88 MSPS Sample Rate
–40
–110
0
30
RECEIVER ATTENUATION (dB)
–90
–100
–80
–60
–70
–50
5
15
25
10
20
+110°C
+40°C
–40°C
Figure 193. Receiver HD3 vs. Receiver Attenuation, 5600 MHz LO,
CW Signal 10 MHz Offset, −20 dBm at 0 dB Attenuation, Input Power
Increasing Decibel for Decibel with Attenuation,100 MHz RF Bandwidth,
122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com