Electronic Components Datasheet Search
  English  ▼

X  

AD9375 Datasheet(PDF) 23 Page - Analog Devices

Part # AD9375
Description  Integrated, Dual RF Transceiver with Observation Path
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9375 Datasheet(HTML) 23 Page - Analog Devices

Back Button AD9375 Datasheet HTML 19Page - Analog Devices AD9375 Datasheet HTML 20Page - Analog Devices AD9375 Datasheet HTML 21Page - Analog Devices AD9375 Datasheet HTML 22Page - Analog Devices AD9375 Datasheet HTML 23Page - Analog Devices AD9375 Datasheet HTML 24Page - Analog Devices AD9375 Datasheet HTML 25Page - Analog Devices AD9375 Datasheet HTML 26Page - Analog Devices AD9375 Datasheet HTML 27Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
Data Sheet
AD9375
Rev. 0 | Page 23 of 61
0
–100
–80
–60
–90
–70
–50
–40
–30
–20
–10
700
725
750
775
800
825
850
875
900
FREQUENCY (MHz)
Figure 35. Tx Output Power Spectrum, 2 dB Digital and 3 dB RF Backoff,
20 MHz RF Bandwidth, Transmitter QEC, and Internal LO Leakage Active,
LTE 10 MHz Signal, 800 MHz LO, 1 MHz Resolution Bandwidth,
122.88 MSPS Sample Rate, Test Equipment Noise Floor De-Embedded
0
–100
–80
–60
–90
–70
–50
–40
–30
–20
–10
300
400
500
600
700
800
900
1100
1000
1200 1300
FREQUENCY (MHz)
Figure 36. Tx Output Power Spectrum, 2 dB Digital and 3 dB RF Backoff,
20 MHz RF Bandwidth, Transmitter QEC, and Internal LO Leakage Active,
LTE 10 MHz Signal, 800 MHz LO, 1 MHz Resolution Bandwidth,
122.88 MSPS Sample Rate, Expanded Frequency View, Test Equipment Noise
Floor De-Embedded
–20
–50
–45
–40
–35
–30
–25
0
4
8
12
16
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 37. Transmitter EVM vs. RF Attenuation, 900 MHz LO,
Transmitter LO Leakage and Transmitter QEC Tracking Active, 20 MHz RF
Bandwidth, LTE 20 MHz Downlink Signal, 122.88 MSPS Sample Rate
0
–100
–80
–60
–90
–70
–50
–40
–30
–20
–10
0
5
10
15
20
25
30
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 38. Transmitter HD2 vs. RF Attenuation, 800 MHz LO,
810 MHz CW Desired Signal, 20 MHz RF Bandwidth,
122.88 MSPS Sample Rate
0
–80
–60
–70
–50
–40
–30
–20
–10
0
5
10
15
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 39. Transmitter HD3 vs. RF Attenuation, 800 MHz LO,
810 MHz CW Desired Signal, 20 MHz RF Bandwidth,
122.88 MSPS Sample Rate
10
–20
–15
–10
–5
0
5
0
5
10
15
20
RF ATTENUATION (dB)
+110°C
+40°C
–40°C
Figure 40. Transmitter Output Power vs. RF Attenuation, 800 MHz LO,
810 MHz CW Desired Signal, 20 MHz RF Bandwidth,
122.88 MSPS Sample Rate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com