Electronic Components Datasheet Search
  English  ▼

X  

ADMV7320 Datasheet(PDF) 29 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 29 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices ADMV7320 Datasheet HTML 27Page - Analog Devices ADMV7320 Datasheet HTML 28Page - Analog Devices ADMV7320 Datasheet HTML 29Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 29 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 29 of 29
OUTLINE DIMENSIONS
14.15
14.00
13.85
0.38
3.15 BSC
1.55 BSC
TOP VIEW
1
12
13
31
32
50
BOTTOM VIEW
DETAIL A
2.54 REF
2.93
MAX
0.320
0.290
0.260
SIDE VIEW
16.15
16.00
15.85
15.24
BSC
13.24
BSC
0.38
PORT 1
(See Detail A)
0.80
BSC
0.46 BSC
0.48
0.42
0.36
0.36
0.30
0.24
1.93 BSC
1.80
1.70
1.55
SEATING
PLANE
9.00
9.74
3.15
2.75
BSC
2.80
BSC
1.05
Ø0.125
VENT HOLE
0.40 × 0.45°
PIN 1
INDICATOR
4.70
BSC
3.10
BSC
7.00
BSC
0.25 BSC
8.40
FOR PROPER CONNECTION OF
THE EXPOSED PADS, REFER TO
THE PIN CONFIGURATION AND
FUNCTION DESCRIPTIONS
SECTION OF THIS DATA SHEET.
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
EXPOSED
PAD
Figure 87. 50-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
16.00 mm × 14.00 mm Body and 2.93 mm Package Height
(CE-50-2)
Dimensions shown in millimeters
ORDERING GUIDE
Model1
Temperature Range
Package Description
Package Option
ADMV7320BCEZ
−40°C to +85°C
50-Terminal Chip Array Small Outline No Lead Cavity [LGA_CAV]
CE-50-2
ADMV7320-EVALZ
Evaluation Board
1 Z = RoHS Compliant Part.
©2019–2020 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D20973-12/20(C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com