Electronic Components Datasheet Search
  English  ▼

X  

ADMV7320 Datasheet(PDF) 22 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 18Page - Analog Devices ADMV7320 Datasheet HTML 19Page - Analog Devices ADMV7320 Datasheet HTML 20Page - Analog Devices ADMV7320 Datasheet HTML 21Page - Analog Devices ADMV7320 Datasheet HTML 22Page - Analog Devices ADMV7320 Datasheet HTML 23Page - Analog Devices ADMV7320 Datasheet HTML 24Page - Analog Devices ADMV7320 Datasheet HTML 25Page - Analog Devices ADMV7320 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 29 page
background image
ADMV7320
Data Sheet
Rev. C | Page 22 of 29
SPURIOUS PERFORMANCE
TA = 25°C, IF = 1 GHz, IF input power = −4 dBm, and LO power = 4 dBm, unless otherwise noted. Mixer spurious products are
measured in dBc from the RF output power for 60 GHz to 90 GHz due to the waveguide bandwidth. Spur values are (M × IF) + (N ×
LO). N/A means not applicable.
M × N Spurious Outputs, RF = 81 GHz, LO = 13.333 GHz
N × LO
5
6
7
M × IF
−5
<−80
−79
−67
−4
<−80
−79
−67
−3
<−80
−77
N/A
−2
<−80
−63
N/A
−1
<−80
−39
N/A
0
−79
−9
N/A
+1
<−80
0
N/A
+2
<−80
−30
N/A
+3
<−80
−50
N/A
+4
<−80
−69
N/A
+5
<−80
−70
N/A
M × N Spurious Outputs, RF = 83.5 GHz, LO = 13.75 GHz
N × LO
5
6
7
M × IF
−5
N/A
<−80
−79
−4
N/A
<−80
−72
−3
N/A
<−80
−69
−2
N/A
<−80
−54
−1
N/A
<−80
−33
0
N/A
<−80
−5
+1
N/A
<−80
0
+2
N/A
<−80
−32
+3
N/A
<−80
−46
+4
N/A
<−80
−64
+5
<−80
−78
−68
M × N Spurious Outputs, RF = 86 GHz, LO = 14.167 GHz
N × LO
5
6
7
M × IF
−5
N/A
<−80
−71
−4
N/A
<−80
−71
−3
N/A
<−80
−64
−2
N/A
<−80
−70
−1
N/A
−79
−26
0
N/A
−75
−9
+1
N/A
−74
0
+2
N/A
−79
−33
+3
N/A
−80
−47
+4
<−80
−79
−60
+5
<−80
−77
−65



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com