Electronic Components Datasheet Search
  English  ▼

X  

ADMV7320 Datasheet(PDF) 11 Page - Analog Devices

Part # ADMV7320
Description  E-Band Upconverter SiP, 81 GHz to 86 GHz
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADMV7320 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADMV7320 Datasheet HTML 7Page - Analog Devices ADMV7320 Datasheet HTML 8Page - Analog Devices ADMV7320 Datasheet HTML 9Page - Analog Devices ADMV7320 Datasheet HTML 10Page - Analog Devices ADMV7320 Datasheet HTML 11Page - Analog Devices ADMV7320 Datasheet HTML 12Page - Analog Devices ADMV7320 Datasheet HTML 13Page - Analog Devices ADMV7320 Datasheet HTML 14Page - Analog Devices ADMV7320 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 29 page
background image
Data Sheet
ADMV7320
Rev. C | Page 11 of 29
14
12
10
8
6
4
2
0
81.0
86.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 27. 6× LO to RF Rejection vs. RF Frequency at Various Gains
30
10
81.0
86.0
RF FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 28. Output P1dB vs. RF Frequency at Various Gains
30
10
81.0
86.0
RF FREQUENCY (GHz)
12
14
16
18
20
22
24
26
28
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
3.5dB
10.5dB
19.5dB
23.5dB
Figure 29. PSAT vs. RF Frequency at Various Gains
40
–20
81.0
RF FREQUENCY (GHz)
81.5 82.0 82.5 83.0 83.5 84.0 84.5 85.0 85.5
–15
–10
–5
10
15
20
25
30
35
0
5
86.0
MAXIMUM GAIN
VGA_CTL12 = –1V, VGA_VD345 + VGA_VD6 = 30mA
VGA_CTL12 = –1V, VGA_VD345 + VGA_VD6 = 30mA,
PA_VD1 = 60mA, PA_VD2 = 60mA
VGA_CTL12 = –1V
VGA_CTL12 = –1V, VGA_VD345 + VGA_VD6 = 30mA,
PA_VD1 = 60mA
Figure 30. Conversion Gain vs. RF Frequency at Various Gain Tuning Modes
40
10
–5.0
–1.0
VGA CONTROL VOLTAGE (V)
86.0GHz
83.5GHz
81.0GHz
12
14
16
18
20
22
24
26
28
30
32
34
36
38
–4.5
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
Figure 31. Conversion Gain vs. VGA Control Voltage at Various RF
Frequencies
6
–16
500
550
600
650
700
750
800
PA CURRENT (mA)
–14
–12
–10
–8
–6
–4
–2
0
2
4
86.0GHz
83.5GHz
81.0GHz
Figure 32. Conversion Gain vs. PA Current at Various RF Frequencies,
VGA_CTL12 = −1 V, VGA_VD12 = 75 mA, VGA_VD345 = 75 mA, and
VGA_VD6 = 75 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com