Electronic Components Datasheet Search
  English  ▼

X  

ADRF5250 Datasheet(PDF) 4 Page - Analog Devices

Part # ADRF5250
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250 Datasheet(HTML) 4 Page - Analog Devices

  ADRF5250 Datasheet HTML 1Page - Analog Devices ADRF5250 Datasheet HTML 2Page - Analog Devices ADRF5250 Datasheet HTML 3Page - Analog Devices ADRF5250 Datasheet HTML 4Page - Analog Devices ADRF5250 Datasheet HTML 5Page - Analog Devices ADRF5250 Datasheet HTML 6Page - Analog Devices ADRF5250 Datasheet HTML 7Page - Analog Devices ADRF5250 Datasheet HTML 8Page - Analog Devices ADRF5250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
ADRF5250
Data Sheet
Rev. 0 | Page 4 of 15
Parameter
Symbol
Test Conditions/Comments
Min
Typ
Max
Unit
RECOMMENDED OPERATING CONDITIONS
Supply Voltage
Positive
VDD
3.0
5.25
V
Negative
VSS
−3.45
−3.15
V
Digital Control Voltage
V1, V2, V3
0
VDD
V
Maximum RF Input Power1
PIN
TCASE = 105°C
Through path (VDD = 3.3 V to 5 V)
30
dBm
Terminated path
24
dBm
Hot switching
24
dBm
TCASE = 85°C
Through path (VDD = 3.3 V to 5 V)
33
dBm
Terminated path
27
dBm
Hot switching
27
dBm
Case Temperature
TCASE
−40
+105
°C
1
Exposure to levels between the recommended operating conditions and the absolute maximum rating conditions for extended period may affect device reliability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com