Electronic Components Datasheet Search
  English  ▼

X  

ADRF5250 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF5250
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF5250 Datasheet HTML 7Page - Analog Devices ADRF5250 Datasheet HTML 8Page - Analog Devices ADRF5250 Datasheet HTML 9Page - Analog Devices ADRF5250 Datasheet HTML 10Page - Analog Devices ADRF5250 Datasheet HTML 11Page - Analog Devices ADRF5250 Datasheet HTML 12Page - Analog Devices ADRF5250 Datasheet HTML 13Page - Analog Devices ADRF5250 Datasheet HTML 14Page - Analog Devices ADRF5250 Datasheet HTML 15Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
Data Sheet
ADRF5250
Rev. 0 | Page 11 of 15
THEORY OF OPERATION
The ADRF5250 requires a positive supply voltage applied to
the VDD pin and 0 V or −3.3 V supply voltage applied to the
VSS pin. Bypass capacitors are recommended on the supply and
digital control lines to minimize RF coupling. An incorporated
negative supply generator is enabled or disabled depending on
the applied VSS supply voltage. Table 4 describes the operation
mode of that negative supply generator.
Table 4. Negative Voltage Generator Operation Mode
VSS
Test Conditions/Comments
0 V
The incorporated negative voltage generator is
enabled
−3.3 V
The incorporated negative voltage generator is
disabled
The ADRF5250 is internally matched to 50 Ω at the RF common
port (RFC) and the RF throw ports (RF1 to RF5); therefore, no
external matching components are required. All of the RF ports
are dc-coupled to 0 V, and no dc blocking is required at the RF
ports when the RF line potential is equal to 0 V. The design is
bidirectional; the RF input signal can be applied to the RFC port
while the RF throw port (RF1 to RF5) is output, or vice versa.
The ADRF5250 has a 3-bit, 1.8 V logic-compatible control
interface that is controlled through the V1, V2, and V3 digital
control voltage pins. A small bypassing capacitor is recommended
on these digital signal lines to improve the RF signal isolation.
The V1 and V3 test points correspond to the LSB and MSB of
the digital control interface of the ADRF5250. The modes of the
RF paths are determined as shown in Table 5.
When an RF path is on, the RF signal is conducted equally well in
both directions between its throw port (RFx) and common port
(RFC). Otherwise, each RFx path is terminated to an internal
50 Ω resistor that provides high loss between the insertion loss
path and its throw ports.
Table 5. Control Voltage Truth Table
V3
V2
V1
Mode
Low
Low
Low
All Off
Low
Low
High
RF1 on
Low
High
Low
RF2 on
Low
High
High
RF3 on
High
Low
Low
RF4 on
High
Low
High
RF5 on
High
High
Low
All off
High
High
High
All off
The ideal power-up sequence is as follows:
1. Power up GND.
2. Power up VDD and VSS. The relative order is not
important.
3. Power up the digital control inputs. The relative order of
the logic control inputs is not important. However,
powering the digital control inputs before the VDD supply
can inadvertently forward bias and damage the internal
ESD protection structures.
4. Apply an RF input signal.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com