Electronic Components Datasheet Search
  English  ▼

X  

ADRF5250 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF5250
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250 Datasheet(HTML) 1 Page - Analog Devices

  ADRF5250 Datasheet HTML 1Page - Analog Devices ADRF5250 Datasheet HTML 2Page - Analog Devices ADRF5250 Datasheet HTML 3Page - Analog Devices ADRF5250 Datasheet HTML 4Page - Analog Devices ADRF5250 Datasheet HTML 5Page - Analog Devices ADRF5250 Datasheet HTML 6Page - Analog Devices ADRF5250 Datasheet HTML 7Page - Analog Devices ADRF5250 Datasheet HTML 8Page - Analog Devices ADRF5250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
0.1 GHz to 6 GHz Silicon SP5T Switch
Data Sheet
ADRF5250
Rev. 0
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2017 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Nonreflective 50 Ω design
Low insertion loss: 1.5 dB at 4 GHz
High isolation: 50 dB at 4 GHz
High input linearity
0.1 dB compression (P0.1dB): 34 dBm typical
Third-order intercept (IP3): 57 dBm typical
High power handling at 85°C
33 dBm through path
27 dBm terminated path
ESD rating
3.5 kV HBM, Class 2
Single-supply or dual-supply operation
Optional internal negative voltage generator (NVG)
1.8 V logic-compatible control
4 mm × 4 mm, 24-lead LFCSP
APPLICATIONS
Cellular/4G infrastructure
Wireless infrastructure
Mobile radios
Test equipment
FUNCTIONAL BLOCK DIAGRAM
VDD
V1
V2
V3
RFC
50Ω
RF2
RF3
RF4
RF5
ADRF5250
RF1
50Ω
50Ω
50Ω
50Ω
DIGITAL
CONTROL
BIAS
NEGATIVE
VOLTAGE
GENERATOR
VSS
Figure 1.
GENERAL DESCRIPTION
The ADRF5250 is a general-purpose, single-pole, five-throw
(SP5T), nonreflective switch manufactured using a silicon
process. The ADRF5250 is available in a 4 mm × 4 mm, 24-lead
lead frame chip scale package (LFCSP) and provides high
isolation and low insertion loss from 100 MHz to 6 GHz.
The ADRF5250 incorporates a negative voltage generator to
operate with a single positive supply voltage from 3.3 V to 5 V
applied to the VDD pin when the VSS pin is connected to
ground. The negative voltage generator can be disabled when
an external negative supply voltage of −3.3 V is applied to the
VSS pin. The ADRF5250 provides a 1.8 V logic-compatible,
3-pin control interface.


Similar Part No. - ADRF5250

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF5203 AD-ADRF5203 Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5203BCCZN AD-ADRF5203BCCZN Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5203BCCZN-R7 AD-ADRF5203BCCZN-R7 Datasheet
741Kb / 15P
DC to 12GHz, Differential, Nonreflective, Silicon SPDT Switch
Rev. 0
ADRF5238 AD-ADRF5238 Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
ADRF5238BCRZN AD-ADRF5238BCRZN Datasheet
646Kb / 13P
High Isolation, Silicon SPDT, Nonreflective Switch, 0.1GHz to 13GHz
Rev. 0
More results

Similar Description - ADRF5250

ManufacturerPart #DatasheetDescription
logo
Alpha Industries
AS195-306 ALPHA-AS195-306 Datasheet
419Kb / 2P
PHEMT GaAs IC High Power SP5T Switch 0.1-2 GHz
logo
Skyworks Solutions Inc.
AS195-306 SKYWORKS-AS195-306 Datasheet
216Kb / 4P
PHEMT GaAs IC High-Power SP5T Switch 0.1-2 GHz
logo
Micronetics, Inc.
ES0309-5 MICRONETICS-ES0309-5 Datasheet
222Kb / 2P
High Power Switch 0.1 GHz to 1 GHz
ES0309-20 MICRONETICS-ES0309-20 Datasheet
219Kb / 2P
High Power Switch 0.1 GHz to 1 GHz
ES0309-50 MICRONETICS-ES0309-50 Datasheet
204Kb / 2P
High Power Switch 0.1 GHz to 1 GHz
logo
TriQuint Semiconductor
TQS5202 TRIQUINT-TQS5202_15 Datasheet
440Kb / 6P
0.1 ??6 GHz Transfer Switch
logo
Analog Devices
HMC7992 AD-HMC7992 Datasheet
339Kb / 13P
Nonreflective, Silicon SP4T Switch, 0.1 GHz to 6.0 GHz
REV. 0
logo
Skyworks Solutions Inc.
SKY13415-485LF SKYWORKS-SKY13415-485LF Datasheet
404Kb / 11P
0.1 to 3.8 GHz SP5T Antenna Switch
AS195-306LF SKYWORKS-AS195-306LF_16 Datasheet
377Kb / 7P
PHEMT GaAs IC High-Power SP5T Switch 0.1 to 2 GHz
logo
Analog Devices
HMC-C583 AD-HMC-C583 Datasheet
251Kb / 9P
0.1 GHz to 40 GHz, SPST Switch
9/2016-Revision 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com