Electronic Components Datasheet Search
  English  ▼

X  

ADRF5250 Datasheet(PDF) 8 Page - Analog Devices

Part # ADRF5250
Description  0.1 GHz to 6 GHz Silicon SP5T Switch
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF5250 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADRF5250 Datasheet HTML 4Page - Analog Devices ADRF5250 Datasheet HTML 5Page - Analog Devices ADRF5250 Datasheet HTML 6Page - Analog Devices ADRF5250 Datasheet HTML 7Page - Analog Devices ADRF5250 Datasheet HTML 8Page - Analog Devices ADRF5250 Datasheet HTML 9Page - Analog Devices ADRF5250 Datasheet HTML 10Page - Analog Devices ADRF5250 Datasheet HTML 11Page - Analog Devices ADRF5250 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
ADRF5250
Data Sheet
Rev. 0 | Page 8 of 15
TYPICAL PERFORMANCE CHARACTERICS
INSERTION LOSS, RETURN LOSS, AND ISOLATION
0
8
FREQUENCY (GHz)
0
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
1
2
3
4
5
6
7
RF1 ON
RF2 ON
RF3 ON
RF4 ON
RF5 ON
Figure 5. Insertion Loss on RF Paths at Room Temperature
0
–35
–30
–25
–20
–15
–10
–5
0
8
FREQUENCY (GHz)
1
2
3
4
5
6
7
RFC
RF1 ON
RF2 ON
RF3 ON
RF4 ON
RF5 ON
Figure 6. Return Loss on Selected RFx Ports and RFC
0
–40
–35
–30
–25
–20
–15
–10
–5
0
8
FREQUENCY (GHz)
1
2
3
4
5
6
7
RF1 (RF2 ON)
RF2 (RF1 ON)
RF3 (RF2 ON)
RF4 (RF5 ON)
RF5 (RF4 ON)
Figure 7. Return Loss on Terminated RFx Ports
–4.0
–3.5
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0
1
2
3
4
5
6
7
8
FREQUENCY (GHz)
TA = +105°C
TA = +85°C
TA = +25°C
TA = –40°C
Figure 8. Insertion Loss on RF Paths over Temperature
0
–100
RF1 TO RFC (RF2 ON)
RF2 TO RFC (RF1 ON)
RF3 TO RFC (RF2 ON)
RF4 TO RFC (RF5 ON)
RF5 TO RFC (RF4 ON)
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
8
FREQUENCY (GHz)
1
2
3
4
5
6
7
Figure 9. Worst Case Isolation on RF Paths



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com