Electronic Components Datasheet Search
  English  ▼

X  

ADRF6604 Datasheet(PDF) 1 Page - Analog Devices

Part # ADRF6604
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604 Datasheet(HTML) 1 Page - Analog Devices

  ADRF6604 Datasheet HTML 1Page - Analog Devices ADRF6604 Datasheet HTML 2Page - Analog Devices ADRF6604 Datasheet HTML 3Page - Analog Devices ADRF6604 Datasheet HTML 4Page - Analog Devices ADRF6604 Datasheet HTML 5Page - Analog Devices ADRF6604 Datasheet HTML 6Page - Analog Devices ADRF6604 Datasheet HTML 7Page - Analog Devices ADRF6604 Datasheet HTML 8Page - Analog Devices ADRF6604 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
1200 MHz to 3600 MHz Rx Mixer with
Integrated Fractional-N PLL and VCO
Data Sheet
ADRF6604
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2010–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com
FEATURES
Rx mixer with integrated fractional-N PLL
RF input frequency range: 1200 MHz to 3600 MHz
Internal LO frequency range: 2500 MHz to 2900 MHz
Input P1dB: 14.5 dBm
Input IP3: 27.5 dBm
IIP3 optimization via external pin
SSB noise figure
IP3SET pin open: 14.3 dB
IP3SET pin at 3.3 V: 15.5 dB
Voltage conversion gain: 6.8 dB
Matched 200 Ω IF output impedance
IF 3 dB bandwidth: 500 MHz
Programmable via 3-wire SPI interface
40-lead, 6 mm × 6 mm LFCSP
APPLICATIONS
Cellular base stations
GENERAL DESCRIPTION
The ADRF6604 is a high dynamic range active mixer with
integrated phase-locked loop (PLL) and voltage controlled
oscillator (VCO). The PLL/synthesizer uses a fractional-N
PLL to generate a fLO input to the mixer. The reference input
can be divided or multiplied and then applied to the PLL phase
frequency detector (PFD).
The PLL can support input reference frequencies from 12 MHz
to 160 MHz. The PFD output controls a charge pump whose
output drives an off-chip loop filter.
The loop filter output is then applied to an integrated VCO. The
VCO output at 2 × fLO is applied to an LO divider, as well as to a
programmable PLL divider. The programmable PLL divider is
controlled by a sigma-delta (Σ-Δ) modulator (SDM). The modulus
of the SDM can be programmed from 1 to 2047.
The active mixer converts the single-ended, 50 Ω RF input to
a differential, 200 Ω IF output. The IF output can operate up
to 500 MHz.
The ADRF6604 is fabricated using an advanced silicon-germanium
BiCMOS process. It is available in a 40-lead, RoHS-compliant,
6 mm × 6 mm LFCSP with an exposed paddle. Performance is
specified over the −40°C to +85°C temperature range.
Table 1.
Part No.
Internal LO
Range
±3 dB RFIN
Balun Range
±1 dB RFIN
Balun Range
ADRF6601
750 MHz
300 MHz
450 MHz
1160 MHz
2500 MHz
1600 MHz
ADRF6602
1550 MHz
1000 MHz
1350 MHz
2150 MHz
3100 MHz
2750 MHz
ADRF6603
2100 MHz
1100 MHz
1450 MHz
2600 MHz
3200 MHz
2850 MHz
ADRF6604
2500 MHz
1200 MHz
1600 MHz
2900 MHz
3600 MHz
3200 MHz
FUNCTIONAL BLOCK DIAGRAM
MUX
RSET
CP VTUNE
LODRV_EN
LON
LOP
IP3SET
VCC1
2:1
MUX
VCO
CORE
RFIN
TEMP
SENSOR
DECLVCO
DECL2P5
DECL3P3
IFP
BUFFER
BUFFER
IFN
VCC2
VCC_LO
VCC_MIX
VCC_V2I
VCC_LO
NC
–
+
CHARGE PUMP
250µA,
500µA (DEFAULT),
750µA,
1000µA
PRESCALER
÷2
LE
CLK
SPI
INTERFACE
DATA
MUXOUT
NC
3.3V
LDO
2.5V
LDO
VCO
LDO
DIV
BY
2, 1
PLL_EN
REF_IN
GND
ADRF6604
INTERNAL LO RANGE
2500MHz TO 2900MHz
34
19
18
39
3
5
4
8
6
14
13
12
16
38
37
36
7
11 15 20 21 23 24 25 28 30 31 35
32
33
2
9
40
26
29
27
17
10
1
22
PHASE
FREQUENCY
DETECTOR
THIRD-ORDER
FRACTIONAL
INTERPOLATOR
FRACTION
REG
MODULUS
INTEGER
REG
N COUNTER
21 TO 123
×2
÷2
÷4
Figure 1.


Similar Part No. - ADRF6604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601-EVALZ AD-ADRF6601-EVALZ Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601ACPZ-R7 AD-ADRF6601ACPZ-R7 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6602 AD-ADRF6602 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
More results

Similar Description - ADRF6604

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADRF6602 AD-ADRF6602 Datasheet
517Kb / 24P
1550 MHz to 2150 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6603 AD-ADRF6603 Datasheet
504Kb / 24P
2100 MHz to 2600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
ADRF6601 AD-ADRF6601 Datasheet
640Kb / 24P
750 MHz to 1160 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
REV. 0
logo
Hittite Microwave Corpo...
HMC830LP6GE HITTITE-HMC830LP6GE Datasheet
2Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
HMC830LP6GE_1110 HITTITE-HMC830LP6GE_1110 Datasheet
1Mb / 12P
FRACTIONAL-N PLL WITH INTEGRATED VCO 25 - 3000 MHz
logo
Analog Devices
ADRF6755ACPZ AD-ADRF6755ACPZ Datasheet
2Mb / 48P
100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
REV. B
ADRF6620 AD-ADRF6620 Datasheet
2Mb / 52P
700 MHz to 2700 MHz Rx Mixer with Integrated IF DGA, Fractional-N PLL, and VCO
REV. 0
ADRF6750 AD-ADRF6750 Datasheet
1Mb / 40P
950 MHz to 1575 MHz Quadrature Modulator with Integrated Fractional-N PLL and VCO
4/10-Rev. 0 to Rev. A
ADRF6755 AD-ADRF6755 Datasheet
2Mb / 48P
100 MHz to 2400 MHz I/Q Modulator with Integrated Fractional-N PLL and VCO
4/13-Rev. A to Rev. B
ADRF6821 AD-ADRF6821 Datasheet
1Mb / 61P
450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
8/2018-Rev. 0 to Rev. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com