Electronic Components Datasheet Search
  English  ▼

X  

ADRF6604 Datasheet(PDF) 11 Page - Analog Devices

Part # ADRF6604
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADRF6604 Datasheet HTML 7Page - Analog Devices ADRF6604 Datasheet HTML 8Page - Analog Devices ADRF6604 Datasheet HTML 9Page - Analog Devices ADRF6604 Datasheet HTML 10Page - Analog Devices ADRF6604 Datasheet HTML 11Page - Analog Devices ADRF6604 Datasheet HTML 12Page - Analog Devices ADRF6604 Datasheet HTML 13Page - Analog Devices ADRF6604 Datasheet HTML 14Page - Analog Devices ADRF6604 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 32 page
background image
Data Sheet
ADRF6604
Rev. B | Page 11 of 32
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
–55
–60
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 14. LO-to-IF Feedthrough vs. LO Frequency,
LO Output Turned Off, CDAC = 0xC
–20
–25
–30
–35
–40
–45
–50
–55
–60
–65
–70
–75
–80
–85
–90
2500
2550
2600
2650
2700
2750
2800
2850
2900
LO FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 15. LO-to-RF Leakage vs. LO Frequency, LO Output Turned Off
0
–5
–10
–15
–20
–25
–30
–35
–40
–45
–50
2300
2400
2500
2600
2700
2800
2900
3000
3100
RF FREQUENCY (MHz)
Figure 16. RF Input Return Loss vs. RF Frequency
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
–11
–12
–13
–14
–15
2300
2400
2500
2600
2700
2800
2900
3000
3100
LO FREQUENCY (MHz)
Figure 17. LO Input Return Loss vs. LO Frequency (Including TC1-1-13 Balun)
350
300
250
200
150
100
50
0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0
50
100
150
200
250
300
350
400
450
500
IF FREQUENCY (MHz)
RESISTANCE
CAPACITANCE
Figure 18. IF Differential Output Impedance (R Parallel, C Equivalent)
35
30
25
20
15
10
–60
–50
–40
–30
–20
–10
0
CW BLOCKER LEVEL (dBm)
IP3SET = OPEN
IP3SET = 3.3V
Figure 19. SSB Noise Figure vs. 5 MHz Offset CW Blocker Level,
LO Frequency = 2500 MHz, RF Frequency = 2358 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com