Electronic Components Datasheet Search
  English  ▼

X  

ADRF6604 Datasheet(PDF) 10 Page - Analog Devices

Part # ADRF6604
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADRF6604 Datasheet HTML 6Page - Analog Devices ADRF6604 Datasheet HTML 7Page - Analog Devices ADRF6604 Datasheet HTML 8Page - Analog Devices ADRF6604 Datasheet HTML 9Page - Analog Devices ADRF6604 Datasheet HTML 10Page - Analog Devices ADRF6604 Datasheet HTML 11Page - Analog Devices ADRF6604 Datasheet HTML 12Page - Analog Devices ADRF6604 Datasheet HTML 13Page - Analog Devices ADRF6604 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 10 of 32
IF FREQUENCY SWEEP
CDAC = 0xC, internally generated swept low-side LO, fRF = 2490 MHz, RFIN = −5 dBm, unless otherwise noted.
5
4
3
2
1
0
–1
–2
–3
–4
–5
25 50 75 100 125 150 175 200 225 250 275 300 325 350 375 400
IF FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 9. Gain vs. IF Frequency
90
80
70
60
50
40
30
25 50 75 100 125 150 175 200 225 250 275 300 325 350 375 400
IF FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 10. Input IP2 vs. IF Frequency, RFIN = −5 dBm
20
18
16
14
12
10
8
6
4
2
0
25 50 75 100 125 150 175 200 225 250 275 300 325 350 375 400
IF FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 11. Noise Figure vs. IF Frequency
45
40
35
30
25
20
15
10
5
25 50 75 100 125 150 175 200 225 250 275 300 325 350 375 400
IF FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 12. Input IP3 vs. IF Frequency, RFIN = −5 dBm
20
18
16
14
12
10
8
6
4
2
0
25 50 75 100 125 150 175 200 225 250 275 300 325 350 375 400
IF FREQUENCY (MHz)
IP3SET = OPEN
IP3SET = 3.3V
TA = +85°C
TA = +25°C
TA = –40°C
Figure 13. Input P1dB vs. IF Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com