Electronic Components Datasheet Search
  English  ▼

X  

ADRF6604 Datasheet(PDF) 20 Page - Analog Devices

Part # ADRF6604
Description  1200 MHz to 3600 MHz Rx Mixer with Integrated Fractional-N PLL and VCO
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6604 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADRF6604 Datasheet HTML 16Page - Analog Devices ADRF6604 Datasheet HTML 17Page - Analog Devices ADRF6604 Datasheet HTML 18Page - Analog Devices ADRF6604 Datasheet HTML 19Page - Analog Devices ADRF6604 Datasheet HTML 20Page - Analog Devices ADRF6604 Datasheet HTML 21Page - Analog Devices ADRF6604 Datasheet HTML 22Page - Analog Devices ADRF6604 Datasheet HTML 23Page - Analog Devices ADRF6604 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
ADRF6604
Data Sheet
Rev. B | Page 20 of 32
THEORY OF OPERATION
The ADRF6604 integrates a high performance downconverting
mixer with a state-of-the-art fractional-N PLL. The PLL also
integrates a low noise VCO. The SPI port allows the user to control
the fractional-N PLL functions and the mixer optimization
functions, as well as allowing for an externally applied LO or VCO.
The mixer core within the ADRF6604 is the next generation of
an industry-leading family of mixers from Analog Devices, Inc.
The RF input is converted to a current and then mixed down to IF
using high performance NPN transistors. The mixer output currents
are transformed to a differential output. The high performance active
mixer core results in an exceptional IIP3 and IP1dB with a very
low output noise floor for excellent dynamic range. Over the
specified frequency range, the ADRF6604 typically provides IF
input P1dB of 14.5 dBm and IIP3 of 27.5 dBm.
Improved performance at specific frequencies can be achieved
with the use of the internal capacitor DAC (CDAC), which is
programmable via the SPI port, and by using a resistor to a 5 V
supply from the IP3SET pin (Pin 29). Adjustment of the capacitor
DAC allows increments in phase shift at internal nodes in the
ADRF6604, thus allowing cancellation of third-order distortion
with no change in supply current. Connecting a resistor to a 5 V
supply from the IP3SET pin increases the internal mixer core current,
thereby improving overall IIP2 and IIP3, as well as IP1dB. Using
the IP3SET pin for this purpose increases the overall supply current.
The fractional divide function of the PLL allows the frequency
multiplication value from REF_IN to LO output to be a fractional
value rather than to be restricted to an integer value as in tradi-
tional PLLs. In operation, this multiplication value is
INT + (FRAC/MOD)
where:
INT is the integer value.
FRAC is the fractional value.
MOD is the modulus value.
The INT, FRAC, and MOD values are all programmable via the
SPI port. In other fractional-N PLL designs, fractional multi-
plication is achieved by periodically changing the fractional value
in a deterministic way. The disadvantage of this approach is that
there are often spurious components close to the fundamental
signal. In the ADRF6604, a Σ-Δ modulator is used to distribute
the fractional value randomly, thus significantly reducing the
spurious content due to the fractional function.
PROGRAMMING THE ADRF6604
The ADRF6604 is programmed via a 3-pin SPI port. The timing
requirements for the SPI port are shown in Figure 2. Eight pro-
grammable registers, each with 24 bits, control the operation of
the device. The register functions are listed in Table 8.
Table 8. ADRF6604 Register Functions
Register
Function
Register 0
Integer divide control for the PLL
Register 1
Modulus divide control for the PLL
Register 2
Fractional divide control for the PLL
Register 3
Σ-Δ modulator dither control
Register 4
PLL charge pump, PFD, reference path control
Register 5
PLL enable and LO path control
Register 6
VCO control and VCO enable
Register 7
Mixer bias enable and external VCO enable
Note that internal calibration for the PLL must be run when the
ADRF6604 is initialized at a given frequency. This calibration is
run automatically whenever Register 0, Register 1, or Register 2 is
programmed. Because the other registers affect PLL performance,
Register 0, Register 1, and Register 2 should always be programmed
last and in the following order: Register 0, Register 1, Register 2.
To program the frequency of the ADRF6604, the user typically
programs only Register 0, Register 1, and Register 2. However,
if registers other than these are programmed first, a short delay
should be inserted before programming Register 0. This delay
ensures that the VCO band calibration has sufficient time to
complete before the final band calibration for Register 0 is initiated.
Software is available on the ADRF6604 product page under the
Evaluation Boards & Kits section that allows easy programming
from a PC running Windows® XP or Vista.
INITIALIZATION SEQUENCE
To ensure proper power-up of the ADRF6604, it is important to
reset the PLL circuitry after the VCC supply rail settles to 5 V ±
0.25 V. Resetting the PLL ensures that the internal bias cells are
properly configured, even under poor supply start-up conditions.
To ensure that the PLL is reset after power-up, use the following
procedure:
1. Disable the PLL by setting the PLEN bit to 0 (Register 5,
Bit DB6).
2. After a delay of >100 ms, set the PLEN bit to 1 (Register 5,
Bit DB6).
After this procedure is completed, the other registers should
be programmed in the following order: Register 7, Register 6,
Register 4, Register 3, Register 2, Register 1. Then, after a delay
of >100 ms, Register 0 should be programmed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com