Electronic Components Datasheet Search
  English  ▼

X  

ADRF6821 Datasheet(PDF) 50 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 50 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 46Page - Analog Devices ADRF6821 Datasheet HTML 47Page - Analog Devices ADRF6821 Datasheet HTML 48Page - Analog Devices ADRF6821 Datasheet HTML 49Page - Analog Devices ADRF6821 Datasheet HTML 50Page - Analog Devices ADRF6821 Datasheet HTML 51Page - Analog Devices ADRF6821 Datasheet HTML 52Page - Analog Devices ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 50 of 61
Address: 0x1208, Reset: 0x00, Name: MOD_L
MOD2 w or d.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] M O D 2 [ 7 :0 ][ 7 :0 ] ( R/W )
Table 56. Bit Descriptions for MOD_L
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
MOD2, Bits[7:0]
MOD2 word; lower bits
0x0
R/W
Address: 0x1209, Reset: 0x00, Name: MOD_H
MOD2 w or d.
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 : 6 ] RES ERV ED
[ 5 :0 ] M O D 2 [ 7 :0 ][ 1 3 :8 ] ( R/W )
Table 57. Bit Descriptions for MOD_H
Bits
Bit Name
Settings
Description
Reset
Access
[7:6]
RESERVED
Reserved
0x0
R
[5:0]
MOD2, Bits[13:8]
MOD2 word; upper bits
0x0
R/W
Address: 0x120B, Reset: 0x01, Name: SYNTH
Enable Feedbac k Div ider
Pres c aler Selec t
1: Enable 2x Pres c aler.
0: Dis able 2x Pres c aler.
0
1
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :2 ] RES ERV ED
[ 0 ] EN _FBD IV ( R/W )
[ 1 ] P RE_S EL ( R/W )
Table 58. Bit Descriptions for SYNTH
Bits
Bit Name
Settings
Description
Reset
Access
[7:2]
RESERVED
Reserved.
0x0
R
1
PRE_SEL
Prescaler Select
0x0
R/W
0
Disable 2× Prescaler
1
Enable 2× Prescaler
0
EN_FBDIV
Enable Feedback Divider
0x1
R/W
Address: 0x120C, Reset: 0x03, Name: R_DIV
R Divider Word
0
1
1
1
2
0
3
0
4
0
5
0
6
0
7
0
[7] RESERVED
[6:0] R_DIV (R/W)
Table 59. Bit Descriptions for R_DIV
Bits
Bit Name
Settings
Description
Reset
Access
7
RESERVED
Reserved.
0x0
R
[6:0]
R_DIV
R Divider Word. Lower 8 bits of 10-bit reference R divider word.
0x3
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com