Electronic Components Datasheet Search
  English  ▼

X  

ADRF6821 Datasheet(PDF) 15 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 11Page - Analog Devices ADRF6821 Datasheet HTML 12Page - Analog Devices ADRF6821 Datasheet HTML 13Page - Analog Devices ADRF6821 Datasheet HTML 14Page - Analog Devices ADRF6821 Datasheet HTML 15Page - Analog Devices ADRF6821 Datasheet HTML 16Page - Analog Devices ADRF6821 Datasheet HTML 17Page - Analog Devices ADRF6821 Datasheet HTML 18Page - Analog Devices ADRF6821 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 61 page
background image
Data Sheet
ADRF6821
Rev. A | Page 15 of 61
60
50
40
30
20
10
0
0
100
200
300
400
500
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 22. Image Rejection vs. IF Frequency for Various LO Frequencies
30
14
16
24
20
18
26
22
28
10
12
0
100
200
300
400
500
IF FREQUENCY (MHz)
LO = 1000MHz
LO = 2000MHz
LO = 2800MHz
Figure 23. Noise Figure vs. IF Frequency for Various LO Frequencies,
Double Side Band
0
–70
–60
–50
–40
–30
–20
–10
450
920
1390
1860
2330
2800
RF FREQUENCY (MHz)
DSA = 0dB
DSA = 15dB
Figure 24. Channel to Channel Isolation vs. RF Frequency
0
–10
–50
–30
–20
–60
–40
–70
–80
550
1000
1450
1900
2350
2800
RF FREQUENCY (MHz)
DSA = 0dB
DSA = 15dB
CHANNEL 1
CHANNEL 0
Figure 25. RF to IF Leakage at IF Output
0
–10
–50
–30
–20
–60
–40
–70
–80
550
1000
1450
1900
2350
2800
LO FREQUENCY (MHz)
DSA = 0dB
DSA = 15dB
I OUTPUT
Q OUTPUT
Figure 26. LO to IF Leakage at IF Output
–30
–40
–80
–60
–50
–70
–90
550
1000
1450
1900
2350
2800
LO FREQUENCY (MHz)
Q OUTPUT
I OUTPUT
DSA = 15dB
DSA = 0dB
Figure 27. LO to RF Leakage vs. LO Frequency



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com