Electronic Components Datasheet Search
  English  ▼

X  

ADRF6821 Datasheet(PDF) 58 Page - Analog Devices

Part # ADRF6821
Description  450 MHz to 2800 MHz, DPD RFIC with Integrated Fractional-N PLL and VCO
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADRF6821 Datasheet(HTML) 58 Page - Analog Devices

Back Button ADRF6821 Datasheet HTML 53Page - Analog Devices ADRF6821 Datasheet HTML 54Page - Analog Devices ADRF6821 Datasheet HTML 55Page - Analog Devices ADRF6821 Datasheet HTML 56Page - Analog Devices ADRF6821 Datasheet HTML 57Page - Analog Devices ADRF6821 Datasheet HTML 58Page - Analog Devices ADRF6821 Datasheet HTML 59Page - Analog Devices ADRF6821 Datasheet HTML 60Page - Analog Devices ADRF6821 Datasheet HTML 61Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 58 / 61 page
background image
ADRF6821
Data Sheet
Rev. A | Page 58 of 61
Address: 0x1543, Reset: 0x00, Name: FRAC_L_SLAVE
FRAC- N Wor d Double Buffer ed Value
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] FRAC_S LV [ 7 :0 ][ 7 :0 ] ( R)
Table 83. Bit Descriptions for FRAC_L_SLAVE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC_SLV, Bits[7:0]
FRAC-N Word Double Buffered Value. Lower 8 bits of 24-Bit FRAC value.
0x0
R
Address: 0x1544, Reset: 0x00, Name: FRAC_M_SLAVE
FRAC- N Wor d Double Buffer ed Value
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] FRAC_S LV [ 7 :0 ][ 1 5 :8 ] ( R)
Table 84. Bit Descriptions for FRAC_M_SLAVE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC_SLV, Bits[15:8]
FRAC-N Word Double Buffered Value. Lower 8 bits of 24-Bit FRAC value.
0x0
R
Address: 0x1545, Reset: 0x00, Name: FRAC_H_SLAVE2
FRAC- N Wor d Double Buffer ed Value
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[ 7 :0 ] FRAC_S LV [ 7 :0 ][ 2 3 :1 6 ] ( R)
Table 85. Bit Descriptions for FRAC_H_SLAVE2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
FRAC_SLV, Bits[23:16]
FRAC-N Word Double Buffered Value. Lower 8 bits of 24-Bit FRAC value.
0x0
R
Address: 0x1546, Reset: 0x00, Name: PHASE_L_SLAVE
Sigm a-Delta Phas e Word
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE_SLV[7:0] (R)
Table 86. Bit Descriptions for PHASE_L_SLAVE
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PHASE_SLV, Bits[7:0]
Sigma-Delta Phase Word. Lower 8 bits of 24-bit SD phase word.
0x0
R
Address: 0x1547, Reset: 0x00, Name: PHASE_M_SLAVE2
Sigm a-Delta Phas e Word
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:0] PHASE_SLV[15:8] (R)
Table 87. Bit Descriptions for PHASE_M_SLAVE2
Bits
Bit Name
Settings
Description
Reset
Access
[7:0]
PHASE_SLV, Bits[15:8]
Sigma-Delta Phase Word. Lower 8 bits of 24-bit SD phase word.
0x0
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com