Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 45 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 45 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 41Page - Texas Instruments LM5146 Datasheet HTML 42Page - Texas Instruments LM5146 Datasheet HTML 43Page - Texas Instruments LM5146 Datasheet HTML 44Page - Texas Instruments LM5146 Datasheet HTML 45Page - Texas Instruments LM5146 Datasheet HTML 46Page - Texas Instruments LM5146 Datasheet HTML 47Page - Texas Instruments LM5146 Datasheet HTML 48Page - Texas Instruments LM5146 Datasheet HTML 49Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
1 Ps/DIV
SW 10V/DIV
SYNCIN
1V/DIV
VIN = 48 V
FSW = 350 kHz
IOUT = 8 A
Figure 9-29. SW Node and SYNCIN Voltages
1 Ps/DIV
SW 10V/DIV
SYNCOUT 2V/DIV
VIN = 48 V
IOUT = 8 A
Figure 9-30. SW Node and SYNCOUT Voltages
Start 150 kHz
Stop 30 MHz
Margin
VIN = 48 V
VOUT = 12 V
6-A resistive load
Figure 9-31. CISPR 25 Class 5 Conducted EMI, 150
kHz to 30 MHz
Margin
Start 30 MHz
Stop 108 MHz
VIN = 48 V
VOUT = 12 V
6-A resistive load
Figure 9-32. CISPR 25 Class 5 Conducted EMI, 30
MHz to 108 MHz
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
45
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com