Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 25 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 25 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 21Page - Texas Instruments LM5146 Datasheet HTML 22Page - Texas Instruments LM5146 Datasheet HTML 23Page - Texas Instruments LM5146 Datasheet HTML 24Page - Texas Instruments LM5146 Datasheet HTML 25Page - Texas Instruments LM5146 Datasheet HTML 26Page - Texas Instruments LM5146 Datasheet HTML 27Page - Texas Instruments LM5146 Datasheet HTML 28Page - Texas Instruments LM5146 Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 55 page
background image
8.3.11 OCP Duty Cycle Limiter
CLK
COMP
300 mV
PWML
Short
Applied
RAMP
CLAMP
ILIM Threshold
ValleyPWM
PWML terminated by
VRAMP > VCOMP
PWML terminated by
VRAMP > VCLAMP
Many
cycles
Inductor Current
Figure 8-11. OCP Duty Cycle Limiting Waveforms
In addition to valley current limiting, the LM5146 uses a proprietary duty-cycle limiter circuit to reduce the PWM
on-time during an overcurrent condition. As shown in Figure 8-10, an auxiliary PWM comparator along with a
modulated CLAMP voltage limits how quickly the on-time increases in response to a large step in the COMP
voltage that typically occurs with a voltage-mode control loop architecture.
As depicted in Figure 8-11, the CLAMP voltage, VCLAMP, is normally regulated above the COMP voltage to
provide adequate headroom during a response to a load-on transient. If the COMP voltage rises quickly during
an overloaded or shorted output condition, the on-time pulse terminates, thereby limiting the on-time and peak
inductor current. Moreover, the CLAMP voltage is reduced if additional valley current limit events occur, further
reducing the average output current. If the overcurrent condition exists for 128 continuous clock cycles, a hiccup
event is triggered and SS is pulled low for 8192 clock cycles before a soft-start sequence is initiated.
8.4 Device Functional Modes
8.4.1 Shutdown Mode
The EN/UVLO pin provides ON / OFF control for the LM5146. When the EN/UVLO voltage is below 0.37 V
(typical), the device is in shutdown mode. Both the internal bias supply LDO and the switching regulator are off.
The quiescent current in shutdown mode drops to 13.5 μA (typical) at VIN = 48 V. The LM5146 also includes
undervoltage protection of the internal bias LDO. If the internal bias supply voltage is below its UVLO threshold
level, the switching regulator remains off.
8.4.2 Standby Mode
The internal bias supply LDO has a lower enable threshold than the switching regulator. When the EN/UVLO
voltage exceeds 0.42 V (typical) and is below the precision enable threshold (1.2 V typically), the internal LDO is
on and regulating. Switching action and output voltage regulation are disabled in standby mode.
8.4.3 Active Mode
The LM5146 is in active mode when the VCC voltage is above its rising UVLO threshold of 5 V and the
EN/UVLO voltage is above the precision EN threshold of 1.2 V. The simplest way to enable the LM5146 is to
tie EN/UVLO to VIN. This allows self start-up of the LM5146 when the input voltage exceeds the VCC threshold
plus the LDO dropout voltage from VIN to VCC.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com