Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 49 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 45Page - Texas Instruments LM5146 Datasheet HTML 46Page - Texas Instruments LM5146 Datasheet HTML 47Page - Texas Instruments LM5146 Datasheet HTML 48Page - Texas Instruments LM5146 Datasheet HTML 49Page - Texas Instruments LM5146 Datasheet HTML 50Page - Texas Instruments LM5146 Datasheet HTML 51Page - Texas Instruments LM5146 Datasheet HTML 52Page - Texas Instruments LM5146 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 55 page
background image
2. Place all sensitive analog traces and components such as COMP, FB, RT, ILIM, and SS/TRK away from
high-voltage switching nodes such as SW, HO, LO, or BST to avoid mutual coupling. Use an internal layer or
layers as a ground plane or ground planes. Pay particular attention to shielding the feedback (FB) trace from
power traces and components.
3. The upper feedback resistor can be connected directly to the output voltage sense point at the load device or
the bulk capacitor at the converter side.
4. Connect the ILIM setting resistor from the drain of the low-side MOSFET to ILIM and make the connections
as close as possible to the LM5146. The trace from the ILIM pin to the resistor must avoid coupling to a
high-voltage switching net.
5. Minimize the loop area from the VCC and VIN pins through their respective decoupling capacitors to the
GND pin. Locate these capacitors as close as possible to the LM5146.
11.1.4 Thermal Design and Layout
The useful operating temperature range of a PWM controller with integrated gate drivers and bias supply LDO
regulator is greatly affected by:
• Average gate drive current requirements of the power MOSFETs
• Switching frequency
• Operating input voltage (affecting bias regulator LDO voltage drop and hence its power dissipation)
• Thermal characteristics of the package and operating environment
For a PWM controller to be useful over a particular temperature range, the package must allow for the efficient
removal of the heat produced while keeping the junction temperature within rated limits. The LM5146 controller
is available in a small 3.5-mm × 4.5-mm 20-pin VQFN (RGY) PowerPAD™ package to cover a range of
application requirements. The thermal metrics of this package are summarized in Section 7.4. The application
report Semiconductor and IC Package Thermal Metrics provides detailed information regarding the thermal
information table.
The 20-pin VQFN package offers a means of removing heat from the semiconductor die through the exposed
thermal pad at the base of the package. While the exposed pad of the package is not directly connected to any
leads of the package, it is thermally connected to the substrate of the LM5146 device (ground). This allows a
significant improvement in heat sinking, and it becomes imperative that the PCB is designed with thermal lands,
thermal vias, and a ground plane to complete the heat removal subsystem. The exposed pad of the LM5146 is
soldered to the ground-connected copper land on the PCB directly underneath the device package, reducing the
thermal resistance to a very low value. Wide traces of the copper tying in the no-connect pins of the LM5146
(pins 9 and 16) and connection to this thermal land helps to dissipate heat.
Numerous vias with a 0.3-mm diameter connected from the thermal land to the internal and solder-side ground
plane(s) are vital to help dissipation. In a multi-layer PCB design, a solid ground plane is typically placed on the
PCB layer below the power components. Not only does this provide a plane for the power stage currents to flow
but it also represents a thermally conductive path away from the heat generating devices.
The thermal characteristics of the MOSFETs also are significant. The drain pad of the high-side MOSFET is
normally connected to a VIN plane for heat sinking. The drain pad of the low-side MOSFET is tied to the SW
plane, but the SW plane area is purposely kept relatively small to mitigate EMI concerns.
11.1.5 Ground Plane Design
As mentioned previously, using one or more of the inner PCB layers as a solid ground plane is recommended.
A ground plane offers shielding for sensitive circuits and traces and also provides a quiet reference potential for
the control circuitry. Connect the PGND pin to the system ground plane using an array of vias under the exposed
pad. Also connect the PGND directly to the return terminals of the input and output capacitors. The PGND net
contains noise at the switching frequency and can bounce because of load current variations. The power traces
for PGND, VIN and SW can be restricted to one side of the ground plane. The other side of the ground plane
contains much less noise and is ideal for sensitive analog trace routes.
www.ti.com
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
Copyright © 2021 Texas Instruments Incorporated
Submit Document Feedback
49
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com