Electronic Components Datasheet Search
  English  ▼

X  

LM5146 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # LM5146
Description  LM5146 100-V Synchronous Buck DC/DC Controller With Wide Duty Cycle Range
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM5146 Datasheet(HTML) 10 Page - Texas Instruments

Back Button LM5146 Datasheet HTML 6Page - Texas Instruments LM5146 Datasheet HTML 7Page - Texas Instruments LM5146 Datasheet HTML 8Page - Texas Instruments LM5146 Datasheet HTML 9Page - Texas Instruments LM5146 Datasheet HTML 10Page - Texas Instruments LM5146 Datasheet HTML 11Page - Texas Instruments LM5146 Datasheet HTML 12Page - Texas Instruments LM5146 Datasheet HTML 13Page - Texas Instruments LM5146 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 55 page
background image
Typical values correspond to TJ = 25°C. Minimum and maximum limits apply over the –40°C to 150°C junction temperature
range unless otherwise stated. VVIN = 48 V, VEN/UVLO = 1.5 V, RRT = 25 kΩ unless otherwise stated. (1) (2)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VCLAMP-OS
Clamp offset voltage – no current
limiting
COMP to duty cycle clamp voltage
0.2 +
VVIN/75
V
VCLAMP-MIN
Minimum clamp voltage
Clamp voltage with continuous current
limit
0.3 +
VVIN/150
V
HICCUP MODE FAULT PROTECTION
CHICC-DEL
Hiccup mode activation delay
Clock cycles with current limiting before
off-time activated
128
cycles
CHICCUP
Hiccup mode off time after activation
Clock cycles with no switching followed
by SS/TRK release
8192
cycles
DIODE EMULATION / DCM OPERATION
VZCD-SS
Zero-cross detect (ZCD) soft-start ramp
ZCD threshold measured at SW pin 50
cycles after first HO pulse
0
mV
VZCD-DIS
Zero-cross detect disable threshold
ZCD threshold measured at SW pin
1000 cycles after first HO pulse
200
mV
VDEM-TH
Diode emulation zero-cross threshold
Measured at SW with VSW rising
–5
0
5
mV
THERMAL SHUTDOWN
TSD
Thermal shutdown threshold
TJ rising
175
°C
TSD-HYS
Thermal shutdown hysteresis
20
°C
(1)
All minimum and maximum limits are specified by correlating the electrical characteristics to process and temperature variations and
applied statistical process control.
(2)
The junction temperature (TJ in ℃) is calculated from the ambient temperature (TA in ℃) and power dissipation (PD in Watts) as
follows: TJ = TA + (PD × RΘJA) where RΘJA (in ℃/W) is the package thermal impedance provided in Section 7.4.
7.6 Switching Characteristics
Typical values correspond to TJ = 25℃.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
THO-TR
TLO-TR
HO, LO rise times
VBST – VSW = 7 V, CLOAD = 1 nF, 20% to 80%
7
ns
THO -TF
TLO-TF
HO, LO fall times
VBST – VSW = 7 V, CLOAD = 1 nF, 20% to 80%
4
ns
THO-DT
HO turn-on dead timne
VBST – VSW = 7 V, LO off to HO on, 50% to
50%
14
ns
TLO-DT
LO turn-on dead timne
VBST – VSW = 7 V, HO off to LO on, 50% to
50%
14
ns
LM5146
SNVSBV0A – JUNE 2021 – REVISED JUNE 2021
www.ti.com
10
Submit Document Feedback
Copyright © 2021 Texas Instruments Incorporated
Product Folder Links: LM5146



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com