Electronic Components Datasheet Search
  English  ▼

X  

SQJ912DEP Datasheet(PDF) 4 Page - Vishay Siliconix

Part # SQJ912DEP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ912DEP Datasheet(HTML) 4 Page - Vishay Siliconix

  SQJ912DEP Datasheet HTML 1Page - Vishay Siliconix SQJ912DEP Datasheet HTML 2Page - Vishay Siliconix SQJ912DEP Datasheet HTML 3Page - Vishay Siliconix SQJ912DEP Datasheet HTML 4Page - Vishay Siliconix SQJ912DEP Datasheet HTML 5Page - Vishay Siliconix SQJ912DEP Datasheet HTML 6Page - Vishay Siliconix SQJ912DEP Datasheet HTML 7Page - Vishay Siliconix SQJ912DEP Datasheet HTML 8Page - Vishay Siliconix SQJ912DEP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SQJ912DEP
www.vishay.com
Vishay Siliconix
S20-0575-Rev. A, 03-Aug-2020
4
Document Number: 77568
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
On-Resistance vs. Junction Temperature
On-Resistance vs. Gate-to-Source Voltage
Source Drain Diode Forward Voltage
Threshold Voltage
Drain Source Breakdown vs. Junction Temperature
Safe Operating Area
Note
a. VGS > minimum VGS at which RDS(on) is specified
10
100
1000
10000
0.5
0.8
1.1
1.4
1.7
2.0
-50
-25
0
25
50
75
100 125 150 175
Axis Title
T
J - Junction Temperature (°C)
I
D = 11.3 A
V
GS = 10 V
V
GS = 4.5 V
10
100
1000
10000
0
0.007
0.014
0.021
0.028
0.035
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
10
100
1000
10000
0.01
0.1
1
10
100
0
0.3
0.6
0.9
1.2
1.5
Axis Title
V
SD - Source-to-Drain Voltage (V)
T
J = 25 °C
T
J = 150 °C
10
100
1000
10000
-1.0
-0.7
-0.4
-0.1
0.2
0.5
-50
-25
0
25
50
75
100 125 150 175
Axis Title
T
J - Junction Temperature (°C)
I
D = 5 mA
I
D = 250 μA
10
100
1000
10000
47
49
51
53
55
57
-50
-25
0
25
50
75
100 125 150 175
Axis Title
T
J - Junction Temperature (°C)
I
D = 1 mA
10
100
1000
10000
0.01
0.1
1
10
100
1000
0.01
0.1
1
10
100
Axis Title
V
DS - Drain-to-Source Voltage (V)
I
DM limited
T
C = 25 °C,
single pulse
Limited by R
DS(on)
a
BVDSS limited
10 ms
100 ms, 1 s,
10 s, DC
1 ms
100 μs
I
D limited



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com