Electronic Components Datasheet Search
  English  ▼

X  

SQJ912DEP Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SQJ912DEP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ912DEP Datasheet(HTML) 3 Page - Vishay Siliconix

  SQJ912DEP Datasheet HTML 1Page - Vishay Siliconix SQJ912DEP Datasheet HTML 2Page - Vishay Siliconix SQJ912DEP Datasheet HTML 3Page - Vishay Siliconix SQJ912DEP Datasheet HTML 4Page - Vishay Siliconix SQJ912DEP Datasheet HTML 5Page - Vishay Siliconix SQJ912DEP Datasheet HTML 6Page - Vishay Siliconix SQJ912DEP Datasheet HTML 7Page - Vishay Siliconix SQJ912DEP Datasheet HTML 8Page - Vishay Siliconix SQJ912DEP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
SQJ912DEP
www.vishay.com
Vishay Siliconix
S20-0575-Rev. A, 03-Aug-2020
3
Document Number: 77568
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TYPICAL CHARACTERISTICS (TA = 25 °C, unless otherwise noted)
Output Characteristics
Transconductance
Capacitance
Transfer Characteristics
On-Resistance vs. Drain Current
Gate Charge
10
100
1000
10000
0
60
120
180
240
300
02468
10
Axis Title
V
DS - Drain-to-Source Voltage (V)
V
GS = 10 V thru 8 V
V
GS = 3 V
V
GS = 5 V
V
GS = 4 V
V
GS = 6 V
V
GS = 7 V
0
25
50
75
100
125
0
1020304050
I
D - Drain Current (A)
T
C = -55 °C
T
C = 25 °C
T
C = 125 °C
10
100
1000
10000
10
100
1000
10 000
0
8
16
24
32
40
Axis Title
V
DS - Drain-to-Source Voltage (V)
C
iss
C
rss
C
oss
10
100
1000
10000
0
20
40
60
80
100
02468
10
Axis Title
V
GS - Gate-to-Source Voltage (V)
T
C = 25 °C
T
C = -55 °C
T
C = 125 °C
10
100
1000
10000
0
0.006
0.012
0.018
0.024
0.030
0
1020304050
Axis Title
I
D - Drain Current (A)
V
GS = 10 V
V
GS = 4.5 V
10
100
1000
10000
0
2
4
6
8
10
0
5
10
15
20
25
Axis Title
Q
g - Total Gate Charge (nC)
I
D = 11.3 A
V
DS = 20 V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com