Electronic Components Datasheet Search
  English  ▼

X  

SQJ912DEP Datasheet(PDF) 1 Page - Vishay Siliconix

Part # SQJ912DEP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ912DEP Datasheet(HTML) 1 Page - Vishay Siliconix

  SQJ912DEP Datasheet HTML 1Page - Vishay Siliconix SQJ912DEP Datasheet HTML 2Page - Vishay Siliconix SQJ912DEP Datasheet HTML 3Page - Vishay Siliconix SQJ912DEP Datasheet HTML 4Page - Vishay Siliconix SQJ912DEP Datasheet HTML 5Page - Vishay Siliconix SQJ912DEP Datasheet HTML 6Page - Vishay Siliconix SQJ912DEP Datasheet HTML 7Page - Vishay Siliconix SQJ912DEP Datasheet HTML 8Page - Vishay Siliconix SQJ912DEP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
SQJ912DEP
www.vishay.com
Vishay Siliconix
S20-0575-Rev. A, 03-Aug-2020
1
Document Number: 77568
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
FEATURES
• TrenchFET® power MOSFET
• AEC-Q101 qualified
• 100 % Rg and UIS tested
• Material categorization:
for definitions of compliance please see
www.vishay.com/doc?99912
Notes
a. Package limited
b. Pulse test; pulse width
 300 μs, duty cycle  2 %
c. When mounted on 1" square PCB (FR4 material)
d. See solder profile (www.vishay.com/doc?73257). The PowerPAK SO-8L is a leadless package. The end of the lead terminal is exposed
copper (not plated) as a result of the singulation process in manufacturing. A solder fillet at the exposed copper tip cannot be guaranteed
and is not required to ensure adequate bottom side solder interconnection
e. Rework conditions: manual soldering with a soldering iron is not recommended for leadless components
PRODUCT SUMMARY
VDS (V)
40
RDS(on) () at VGS = 10 V
0.0073
RDS(on) () at VGS = 4.5 V
0.0102
ID (A) per leg
30
Configuration
Dual
Package
PowerPAK SO-8L
PowerPAK® SO-8L Dual
Top View
1
6.15
mm
5.13
mm
1
6.15
m
m
5.13
m
m
Bottom View
2
G
1
3
S
2
4
G
2
1
S
1
D2
D1
N-Channel MOSFET
D1
G1
S1
N-Channel MOSFET
D2
G2
S2
ABSOLUTE MAXIMUM RATINGS (TC = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-source voltage
VDS
40
V
Gate-source voltage
VGS
± 20
Continuous drain current
TC = 25 °C a
ID
30
A
TC = 125 °C
26
Continuous source current (diode conduction) a
IS
25
Pulsed drain current b
IDM
120
Single pulse avalanche current
L = 0.1 mH
IAS
19
Single pulse avalanche energy
EAS
18
mJ
Maximum power dissipation b
TC = 25 °C
PD
27
W
TC = 125 °C
9
Operating junction and storage temperature range
TJ, Tstg
-55 to +175
°C
Soldering recommendations (peak temperature) d, e
260
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
LIMIT
UNIT
Junction-to-ambient
PCB mount c
RthJA
85
°C/W
Junction-to-case (drain)
RthJC
5.5


Similar Part No. - SQJ912DEP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ912DEP VISHAY-SQJ912DEP Datasheet
263Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
03-Aug-2020
SQJ912DEP VISHAY-SQJ912DEP Datasheet
262Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
03-Aug-2020
SQJ912DEP VISHAY-SQJ912DEP_V01 Datasheet
263Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
03-Aug-2020
SQJ912DEP VISHAY-SQJ912DEP_V02 Datasheet
262Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
03-Aug-2020
More results

Similar Description - SQJ912DEP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SQJ970EP VISHAY-SQJ970EP Datasheet
156Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
19-Dec-11
SQJQ904E VISHAY-SQJQ904E Datasheet
214Kb / 7P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
20-Feb-17
SQS940ELNW VISHAY-SQS940ELNW_V01 Datasheet
204Kb / 6P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
11-Apr-2022
SQS944ENW VISHAY-SQS944ENW_V02 Datasheet
597Kb / 11P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
27-May-2019
SQJQ904E VISHAY-SQJQ904E_V02 Datasheet
266Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
20-Feb-17
SQJB04ELP VISHAY-SQJB04ELP_V02 Datasheet
271Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
02-Mar-2020
SQJB46ELP VISHAY-SQJB46ELP_V02 Datasheet
216Kb / 6P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
07-Mar-2022
SQJB46EP VISHAY-SQJB46EP_V02 Datasheet
243Kb / 7P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
08-Feb-2021
SQJB48EP VISHAY-SQJB48EP_V02 Datasheet
270Kb / 10P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
09-Dec-2019
SQ4940AEY VISHAY-SQ4940AEY_V02 Datasheet
217Kb / 9P
Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
23-Apr-2021
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com