Electronic Components Datasheet Search
  English  ▼

X  

SQJ912DEP Datasheet(PDF) 5 Page - Vishay Siliconix

Part # SQJ912DEP
Description  Automotive Dual N-Channel 40 V (D-S) 175 °C MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SQJ912DEP Datasheet(HTML) 5 Page - Vishay Siliconix

  SQJ912DEP Datasheet HTML 1Page - Vishay Siliconix SQJ912DEP Datasheet HTML 2Page - Vishay Siliconix SQJ912DEP Datasheet HTML 3Page - Vishay Siliconix SQJ912DEP Datasheet HTML 4Page - Vishay Siliconix SQJ912DEP Datasheet HTML 5Page - Vishay Siliconix SQJ912DEP Datasheet HTML 6Page - Vishay Siliconix SQJ912DEP Datasheet HTML 7Page - Vishay Siliconix SQJ912DEP Datasheet HTML 8Page - Vishay Siliconix SQJ912DEP Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
SQJ912DEP
www.vishay.com
Vishay Siliconix
S20-0575-Rev. A, 03-Aug-2020
5
Document Number: 77568
For technical questions, contact: automostechsupport@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
THERMAL RATINGS (TA = 25 °C, unless otherwise noted)
Normalized Thermal Transient Impedance, Junction-to-Ambient
Normalized Thermal Transient Impedance, Junction-to-Case
Note
• The characteristics shown in the two graphs
- Normalized Transient Thermal Impedance Junction-to-Ambient (25 °C)
- Normalized Transient Thermal Impedance Junction-to-Case (25 °C)
are given for general guidelines only to enable the user to get a “ball park” indication of part capabilities. The data are extracted from single
pulse transient thermal impedance characteristics which are developed from empirical measurements. The latter is valid for the part
mounted on printed circuit board - FR4, size 1" x 1" x 0.062", double sided with 2 oz. copper, 100 % on both sides. The part capabilities
can widely vary depending on actual application parameters and operating conditions
Vishay Siliconix maintains worldwide manufacturing capability. Products may be manufactured at one of several qualified locations. Reliability data for Silicon
Technology and Package Reliability represent a composite of all qualified locations. For related documents such as package / tape drawings, part marking, and
reliability data, see www.vishay.com/ppg?77568.
10-3
10-2
1
10
600
10-1
10-4
100
2
1
0.1
0.01
0.2
0.1
0.05
0.02
Single pulse
Duty cycle = 0.5
Square Wave Pulse Duration (s)
1. Duty cycle, D =
2. Per unit base = R
thJA = 85 °C/W
3. T JM - TA = P DM ZthJA(t)
t1
t2
t1
t2
Notes:
4. Surface mounted
P DM
10
100
1000
10000
0.01
0.1
1
0.0001
0.001
0.01
0.1
1
Axis Title
Square Wave Pulse Duration (s)
0.1
0.05
0.02
Single pulse
Duty cycle = 0.5
0.2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com