Electronic Components Datasheet Search
  English  ▼

X  

MCP6V28 Datasheet(PDF) 3 Page - Microchip Technology

Part # MCP6V28
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V28 Datasheet(HTML) 3 Page - Microchip Technology

  MCP6V28 Datasheet HTML 1Page - Microchip Technology MCP6V28 Datasheet HTML 2Page - Microchip Technology MCP6V28 Datasheet HTML 3Page - Microchip Technology MCP6V28 Datasheet HTML 4Page - Microchip Technology MCP6V28 Datasheet HTML 5Page - Microchip Technology MCP6V28 Datasheet HTML 6Page - Microchip Technology MCP6V28 Datasheet HTML 7Page - Microchip Technology MCP6V28 Datasheet HTML 8Page - Microchip Technology MCP6V28 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25007B-page 3
MCP6V26/7/8
1.0
ELECTRICAL
CHARACTERISTICS
1.1
Absolute Maximum Ratings †
VDD –VSS ..............................................................................6.5V
Current at Input Pins †† ......................................................±2 mA
Analog Inputs (VIN+ and VIN–) †† .......... VSS – 1.0V to VDD+1.0V
All other Inputs and Outputs .................. VSS – 0.3V to VDD+0.3V
Difference Input voltage ............................................. |VDD –VSS|
Output Short Circuit Current .......................................Continuous
Current at Output and Supply Pins ...................................±30 mA
Storage Temperature ..........................................-65°C to +150°C
Max. Junction Temperature .............................................. +150°C
ESD protection on all pins (HBM, CDM, MM)
≥ 4 kV,1.5 kV, 300V
†Notice: Stresses above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at those or any other
conditions above those indicated in the operational
listings of this specification is not implied. Exposure to
maximum rating conditions for extended periods may
affect device reliability.
†† See Section 4.2.1, Rail-to-Rail Inputs.
1.2
Specifications
TABLE 1-1:
DC ELECTRICAL SPECIFICATIONS
Electrical Characteristics: Unless otherwise indicated, TA = +25°C, VDD = +2.3V to +5.5V, VSS = GND,
VCM = VDD/3, VOUT =VDD/2, VL =VDD/2, RL = 10 kΩ to VL and CS = GND (refer to Figure 1-5 and Figure 1-6).
Parameters
Sym
Min
Typ
Max
Units
Conditions
Input Offset
Input Offset Voltage
VOS
-2
—
+2
µV
TA = +25°C (Note 1)
Input Offset Voltage Drift
with Temperature (linear Temp. Co.)
TC1
-50
—
+50
nV/°C TA = -40 to +125°C
(Note 1)
Input Offset Voltage Quadratic
Temperature Coefficient
TC2
—±0.2
—
nV/°C2 TA = -40 to +125°C
Power Supply Rejection
PSRR
125
142
—
dB
(Note 1)
Input Bias Current and Impedance
Input Bias Current
IB
—+7
—
pA
Input Bias Current across
Temperature
IB
—+110
—
pA
TA = +85°C
IB
—+1.2
+5
nA
TA = +125°C
Input Offset Current
IOS
—±70
—
pA
Input Offset Current across
Temperature
IOS
—±50
—
pA
TA = +85°C
IOS
—±60
—
pA
TA = +125°C
Common Mode Input Impedance
ZCM
—1013||12
—
Ω||pF
Differential Input Impedance
ZDIFF
—1013||12
—
Ω||pF
Note 1:
Set by design and characterization. Due to thermal junction and other effects in the production
environment, these parts can only be screened in production (except TC1; see Appendix B: “Offset
Related Test Screens”).
2:
Figure 2-18 shows how VCML and VCMH changed across temperature for the first production lot.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com