Electronic Components Datasheet Search
  English  ▼

X  

MCP6V28 Datasheet(PDF) 33 Page - Microchip Technology

Part # MCP6V28
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V28 Datasheet(HTML) 33 Page - Microchip Technology

Back Button MCP6V28 Datasheet HTML 29Page - Microchip Technology MCP6V28 Datasheet HTML 30Page - Microchip Technology MCP6V28 Datasheet HTML 31Page - Microchip Technology MCP6V28 Datasheet HTML 32Page - Microchip Technology MCP6V28 Datasheet HTML 33Page - Microchip Technology MCP6V28 Datasheet HTML 34Page - Microchip Technology MCP6V28 Datasheet HTML 35Page - Microchip Technology MCP6V28 Datasheet HTML 36Page - Microchip Technology MCP6V28 Datasheet HTML 37Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25007B-page 33
MCP6V26/7/8
6.0
PACKAGING INFORMATION
6.1
Package Marking Information
8-Lead TDFN (2x3x0.75 mm) (MCP6V26, MCP6V28)
Example
Legend: XX...X
Customer-specific information
Y
Year code (last digit of calendar year)
YY
Year code (last 2 digits of calendar year)
WW
Week code (week of January 1 is week ‘01’)
NNN
Alphanumeric traceability code
Pb-free JEDEC designator for Matte Tin (Sn)
*
This package is Pb-free. The Pb-free JEDEC designator (
)
can be found on the outer packaging for this package.
Note:
In the event the full Microchip part number cannot be marked on one line, it will
be carried over to the next line, thus limiting the number of available
characters for customer-specific information.
3
e
3
e
8-Lead DFN (4x4x0.9 mm) (MCP6V27)Example
YYWW
NNN
XXXXXX
XXXXXX
PIN 1
PIN 1
3
e
6V27
E/MD
1129
256
8-Lead MSOP (3x3 mm)
Example
6V27E
129256
8-Lead SOIC (3.90 mm)
Example
NNN
MCP6V27E
SN^^ 1129
256
3
e
Device
Code
MCP6V26T-E/MNY
ABA
MCP6V28T-E/MNY
ABB
ABA
129
25



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com