Electronic Components Datasheet Search
  English  ▼

X  

MCP6V28 Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP6V28
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V28 Datasheet(HTML) 1 Page - Microchip Technology

  MCP6V28 Datasheet HTML 1Page - Microchip Technology MCP6V28 Datasheet HTML 2Page - Microchip Technology MCP6V28 Datasheet HTML 3Page - Microchip Technology MCP6V28 Datasheet HTML 4Page - Microchip Technology MCP6V28 Datasheet HTML 5Page - Microchip Technology MCP6V28 Datasheet HTML 6Page - Microchip Technology MCP6V28 Datasheet HTML 7Page - Microchip Technology MCP6V28 Datasheet HTML 8Page - Microchip Technology MCP6V28 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 50 page
background image
© 2011 Microchip Technology Inc.
DS25007B-page 1
MCP6V26/7/8
Features
• High DC Precision:
-VOS Drift: ±50 nV/°C (maximum)
-VOS: ±2 µV (maximum)
-AOL: 125 dB (minimum)
- PSRR: 125 dB (minimum)
- CMRR: 120 dB (minimum)
-Eni: 1.0 µVP-P (typical), f = 0.1 Hz to 10 Hz
-Eni: 0.32 µVP-P (typical), f = 0.01 Hz to 1 Hz
• Low Power and Supply Voltages:
-IQ: 620 µA/amplifier (typical)
- Wide Supply Voltage Range: 2.3V to 5.5V
•Easy to Use:
- Rail-to-Rail Input/Output
- Gain Bandwidth Product: 2 MHz (typical)
- Unity Gain Stable
- Available in Single and Dual
- Single with Chip Select (CS): MCP6V28
• Extended Temperature Range: -40°C to +125°C
Typical Applications
• Portable Instrumentation
• Sensor Conditioning
• Temperature Measurement
• DC Offset Correction
• Medical Instrumentation
Design Aids
• SPICE Macro Models
•FilterLab® Software
• Microchip Advanced Part Selector (MAPS)
• Analog Demonstration and Evaluation Boards
• Application Notes
Related Parts
Parts with lower power, lower bandwidth and higher
noise:
• MCP6V01/2/3: Spread clock
• MCP6V06/7/8: Non-spread clock
Description
The Microchip Technology Inc. MCP6V26/7/8 family of
operational amplifiers provides input offset voltage
correction for very low offset and offset drift. These
devices have a wide gain bandwidth product (2 MHz,
typical) and strongly reject switching noise. They are
unity gain stable, have no 1/f noise, and have good
power supply rejection ratio (PSRR) and common
mode rejection ratio (CMRR). These products operate
with a single supply voltage as low as 2.3V, while
drawing 620 µA/amplifier (typical) of quiescent current.
The Microchip Technology Inc. MCP6V26/7/8 op amps
are offered as a single (MCP6V26), single with Chip
Select (CS) (MCP6V28) and dual (MCP6V27). They
were designed using an advanced CMOS process.
Package Types (top view)
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
NC
NC
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP6V26
MSOP, SOIC
MCP6V27
MSOP, SOIC
VIN+
VIN–
VSS
VDD
VOUT
1
2
3
4
8
7
6
5 NC
CS
NC
MCP6V28
MSOP, SOIC
VINA+
VINA–
VSS
1
2
3
4
8
7
6
5
VOUTA
VDD
VOUTB
VINB–
VINB+
MCP6V27
4×4 DFN *
* Includes Exposed Thermal Pad (EP); see Table 3-1.
EP
9
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
NC
VDD
VOUT
NC
MCP6V26
2×3 TDFN *
EP
9
VIN+
VIN–
VSS
1
2
3
4
8
7
6
5
NC
CS
VDD
VOUT
NC
MCP6V28
2×3 TDFN *
EP
9
620 µA, 2 MHz Auto-Zeroed Op Amps


Similar Part No. - MCP6V28

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6V27 MICROCHIP-MCP6V27 Datasheet
1Mb / 46P
620 關A, 2 MHz Auto-Zeroed Op Amps
2011
MCP6V27T MICROCHIP-MCP6V27T Datasheet
1Mb / 46P
620 關A, 2 MHz Auto-Zeroed Op Amps
2011
More results

Similar Description - MCP6V28

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP6L71 MICROCHIP-MCP6L71 Datasheet
476Kb / 32P
2 MHz, 150 關A Op Amps
2009
MCP6V01 MICROCHIP-MCP6V01 Datasheet
1Mb / 44P
300 關A, Auto-Zeroed Op Amps
2008
MCP6V06 MICROCHIP-MCP6V06 Datasheet
1Mb / 44P
300 關A, Auto-Zeroed Op Amps
2008
MCP6L1 MICROCHIP-MCP6L1 Datasheet
483Kb / 32P
2.8 MHz, 200 關A Op Amps
2009
MCP6L01 MICROCHIP-MCP6L01 Datasheet
527Kb / 32P
1 MHz, 85 關A Op Amps
2009
MCP6L91 MICROCHIP-MCP6L91 Datasheet
480Kb / 30P
10 MHz, 850 關A Op Amps
2009
MCP6401 MICROCHIP-MCP6401_10 Datasheet
1Mb / 38P
1 MHz, 45 關A Op Amps
2010
MCP6V27 MICROCHIP-MCP6V27 Datasheet
1Mb / 46P
620 關A, 2 MHz Auto-Zeroed Op Amps
2011
MCP6V76 MICROCHIP-MCP6V76 Datasheet
1Mb / 48P
170 關A, 2 MHz Zero-Drift Op Amps
02/28/20
MCP6V66 MICROCHIP-MCP6V66 Datasheet
1Mb / 46P
80 關A, 1 MHz Zero-Drift Op Amps
05/14/19
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com