Electronic Components Datasheet Search
  English  ▼

X  

MCP6V28 Datasheet(PDF) 16 Page - Microchip Technology

Part # MCP6V28
Description  620 關A, 2 MHz Auto-Zeroed Op Amps
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP6V28 Datasheet(HTML) 16 Page - Microchip Technology

Back Button MCP6V28 Datasheet HTML 12Page - Microchip Technology MCP6V28 Datasheet HTML 13Page - Microchip Technology MCP6V28 Datasheet HTML 14Page - Microchip Technology MCP6V28 Datasheet HTML 15Page - Microchip Technology MCP6V28 Datasheet HTML 16Page - Microchip Technology MCP6V28 Datasheet HTML 17Page - Microchip Technology MCP6V28 Datasheet HTML 18Page - Microchip Technology MCP6V28 Datasheet HTML 19Page - Microchip Technology MCP6V28 Datasheet HTML 20Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 50 page
background image
MCP6V26/7/8
DS25007B-page 16
© 2011 Microchip Technology Inc.
Note: Unless otherwise indicated, TA =+25°C, VDD = +2.3V to 5.5V, VSS = GND, VCM =VDD/3, VOUT =VDD/2,
VL =VDD/2, RL =10kΩ to VL, CL = 60 pF and CS = GND.
2.5
Time Response
FIGURE 2-41:
Input Offset Voltage vs.
Time with Temperature Change.
FIGURE 2-42:
Input Offset Voltage vs.
Time at Power Up.
FIGURE 2-43:
The MCP6V26/7/8 Device
Shows No Input Phase Reversal with Overdrive.
FIGURE 2-44:
Non-inverting Small Signal
Step Response.
FIGURE 2-45:
Non-inverting Large Signal
Step Response.
FIGURE 2-46:
Inverting Small Signal Step
Response.
-14
-12
-10
-8
-6
-4
-2
0
2
4
6
0
20 40
60 80 100 120 140 160 180
Time (s)
0
10
20
30
40
50
60
70
80
90
100
TPCB
VOS
Temperature increased by
using heat gun for 10 seconds.
-10
0
10
20
30
40
50
60
70
80
90
0.0 0.2 0.4 0.6 0.8 1.0 1.2 1.4 1.6 1.8 2.0
Time (ms)
-4
-3
-2
-1
0
1
2
3
4
5
6
POR Trip Point
VOS
VDD
G = 1
-1
0
1
2
3
4
5
6
7
01
23
45678
9
10
Time (ms)
VDD = 5.5V
G = 1
VOUT
VIN
01
23456
7
8
9
10
Time (µs)
VDD = 5.5V
G = 1
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
0
5
10
15
20
25
30
35
40
45
50
Time (µs)
VDD = 5.5V
G = 1
0
1
23
4
5
67
89
10
Time (µs)
VDD = 5.5V
G = -1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com