Electronic Components Datasheet Search
  English  ▼

X  

MCP4716 Datasheet(PDF) 19 Page - Microchip Technology

Part # MCP4716
Description  6-Bit Volatile DAC with Command Code
PDF  70 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4716 Datasheet(HTML) 19 Page - Microchip Technology

Back Button MCP4716 Datasheet HTML 15Page - Microchip Technology MCP4716 Datasheet HTML 16Page - Microchip Technology MCP4716 Datasheet HTML 17Page - Microchip Technology MCP4716 Datasheet HTML 18Page - Microchip Technology MCP4716 Datasheet HTML 19Page - Microchip Technology MCP4716 Datasheet HTML 20Page - Microchip Technology MCP4716 Datasheet HTML 21Page - Microchip Technology MCP4716 Datasheet HTML 22Page - Microchip Technology MCP4716 Datasheet HTML 23Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 70 page
background image
 2012 Microchip Technology Inc.
DS25154A-page 19
MCP47A1
Note: Unless otherwise indicated, T
A = +25°C, VDD = VREF = 5V, VSS = 0V, RL = 5 k, CL = 1 nF.
FIGURE 2-33:
VOUT Accuracy vs. VDD and
Temperature.
FIGURE 2-34:
RVREF Resistances vs. VDD
and Temperature.
FIGURE 2-35:
-3dB Bandwidth vs
Frequency, VDD = 5.5V.
0.74
0.75
0.76
0.77
0.78
VOUT 5.5V
VOUT 2.7V
0.72
0.73
-40
-20
0
20406080
100 120
Temperature (C)
Typical Device
19000
20000
21000
22000
23000
RVREF5.5V
RVREF 2.7V
RVREF 1.8V
17000
18000
-40
-20
0
20406080
100 120
Temperature (°C)
Typical Device
Analog Performance Specified for VDD ≥ 2.7V.
18.00
15.00
12.00
9.00
6.00
3.00
0.00
3.00
30.00
27.00
24.00
21.00
1
10
100
1000
Frequency (kHz)
Full Scale VREF= 2.7V
Full Scale VREF=5.5V
Mid Scale VREF=2.7V
Mid Scale VREF=5.5V
QuarterScaleVREF= 2.7V
QuarterScaleVREF= 5.5V
Typical Device



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com