Electronic Components Datasheet Search
  English  ▼

X  

47DAC Datasheet(PDF) 3 Page - M-System Co.,Ltd.

Part # 47DAC
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DAC Datasheet(HTML) 3 Page - M-System Co.,Ltd.

  47DAC Datasheet HTML 1Page - M-System Co.,Ltd. 47DAC Datasheet HTML 2Page - M-System Co.,Ltd. 47DAC Datasheet HTML 3Page - M-System Co.,Ltd. 47DAC Datasheet HTML 4Page - M-System Co.,Ltd. 47DAC Datasheet HTML 5Page - M-System Co.,Ltd. 47DAC Datasheet HTML 6Page - M-System Co.,Ltd. 47DAC Datasheet HTML 7Page - M-System Co.,Ltd. 47DAC Datasheet HTML 8Page - M-System Co.,Ltd. 47DAC Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
MODEL: 47DAC
47DAC SPECIFICATIONS
ES-9518 Rev.4 Page 3/12
http://www.m-system.co.jp/
DC OUTPUT SIGNAL SPECIFICATIONS
TYPE ID
LOAD
RESISTANCE
OPERATIONAL
RANGE
OUTPUT
RANGE
2000Ω
minimum
-0.5
– +5.5V
0
– 5V
4000Ω
minimum
-6
– +6V
±5V
TYPE ID
LOAD
RESISTANCE
OPERATIONAL
RANGE
OUTPUT
RANGE
400Ω
maximum
-2
– +22mA
0
– 20mA
400Ω
maximum
2.4
– 21.6mA
4
– 20mA
8000Ω
minimum
-12
– +12V
±10V
VOLTAGE OUTPUT
CURRENT OUTPUT
I/O OPTIONS
■ Event Trigger Input: Dry contact or NPN open collector
Input current: ≤ 3 mA
Sensing: 6 V
Contact detecting: ≤ 1.5 V at ON; ≥ 3 V at OFF
Signal ID and Details
S-TMR: Startup Timer
Measuring starts in the predetermined time after detecting
the signal turning on.
TIMING: Timing
Used for various timing hold functions
ZERO: Forced Zero
Forced Zero and tare adjustment are externally controlled
when ZERO signal is turned on/off.
HOLD: Hold data
Reading measured signal stops and the last
value is held when HOLD signal is turned on.
RESET: Reset data
The device is reset when RESET signal is turned on.
■ Alarm Output: Relay contact
Rated load: 250 V AC @ 3 A (cos ø = 1)
30 V DC @ 3 A (resistive load)
Maximum switching voltage: 250 V AC, 30 V DC
Maximum switching power: 750 VA, 90 W (resistive load)
Minimum load: 5 V DC @ 10 mA
Mechanical life: ≥ 5 × 106 cycles (rate 180 cycles/min.)
■ Alarm Output: Photo MOSFET relay
Rated load: 120 V AC/DC @ 80 mA (resistive load)
ON resistance: 25 Ω
Permissible loss: 250 mW
■ Network Interface
Transmission: Half-duplex, asynchronous, no procedure
Interface: Conforms to TIA/EIA-485-A
Max. transmission distance: 500 meters
Baud rate: 1.2 – 38.4 kbps
Max. number of nodes: 31 (except the master)
Protocol: Modbus RTU
Parity: None, odd or even
Stop bit: 1 bit, 2 bits
Node address: 1 to 247
Media: Shielded twisted-pair cable (CPEV-S 0.9 dia.)
Terminating resistor: Built-in (Connect across T2 - T3, when
the unit is the end of the line)
■ BCD Output + Control Signals
• Input Signals: Dry contact or NPN open collector
Input current: ≤ 3 mA
Sensing: 6 V
Contact detecting: ≤ 1.5 V at ON; ≥ 3 V at OFF
Signal ID and Details
REQ: Request BCD data
Valid data in approx. 30 msec. after detecting
the signal’s rising edge
MIN_REQ: Request Minimum reading data
Valid data in approx. 30 msec. after detecting
the signal’s rising edge
MAX_REQ: Request Maximum reading data
Valid data in approx. 30 msec. after detecting
the signal’s rising edge
HOLD: Hold data
Reading measured signal stops and the last value
is held when HOLD signal is turned on.
RESET: Reset data
All BCD data turn off when RESET signal is turned
on.
• Output Signals: NPN open collector
Max. load voltage: 24 V DC
Max. load current: 10 mA
Saturation voltage: ≤ 0.3 V
Leakage current: ≤ 500 μA
Signal ID and Details
DATA (Do 11...Do 68): BCD Output data in 6 digits
Do 1x = LSD ... Do 6x = 6th LSD
POL: BCD Polarity
ON = (–), OFF = (+)
OVF: BCD Overflow/underflow (scaling error)
Output given at overflow or underflow (scaling error)
DAV: Data Valid
ON = valid, OFF = invalid
RUN: Run
Means the meter is functioning.
OFF = Error except the scaling error
No DAV or DATA output is given when
RUN signal is not provided.
• Alarm Output Signals: NPN open collector
Max. load voltage: 24 V DC
Max. load current: 50 mA
Saturation voltage: ≤ 1.1 V
Leakage current: ≤ 500 μA
Signal ID and Details
HH: HH alarm trip output
H: H alarm trip output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com