Electronic Components Datasheet Search
  English  ▼

X  

47DAC Datasheet(PDF) 2 Page - M-System Co.,Ltd.

Part # 47DAC
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DAC Datasheet(HTML) 2 Page - M-System Co.,Ltd.

  47DAC Datasheet HTML 1Page - M-System Co.,Ltd. 47DAC Datasheet HTML 2Page - M-System Co.,Ltd. 47DAC Datasheet HTML 3Page - M-System Co.,Ltd. 47DAC Datasheet HTML 4Page - M-System Co.,Ltd. 47DAC Datasheet HTML 5Page - M-System Co.,Ltd. 47DAC Datasheet HTML 6Page - M-System Co.,Ltd. 47DAC Datasheet HTML 7Page - M-System Co.,Ltd. 47DAC Datasheet HTML 8Page - M-System Co.,Ltd. 47DAC Datasheet HTML 9Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MODEL: 47DAC
47DAC SPECIFICATIONS
ES-9518 Rev.4 Page 2/12
http://www.m-system.co.jp/
M3 separable screw terminal (torque 0.6 N·m)
Photo MOSFET relay, event trigger input: Euro Type
Connector Terminal
(applicable wire size: max. 1.3 dia., 0.5 – 1.25 mm2,
stripped length 7 - 8 mm)
BCD output: 50-pin connector
(Honda Tsushin Kogyo HDR-EC50LFDT1-SLE+)
Screw terminal: Nickel-plated steel (standard) or stainless
steel
Housing material: Flame-resistant resin (gray)
Isolation: Input to DC output to HH output or H output to L
output or LL output to network or BCD output or event
trigger input to power
Input waveform: Up to 15 % of 3rd harmonic content
Infrared communication: Transmission distance max. 1
meter (for use with the COP-IRU)
Setting: (Front button)
• Scaled range
• Input type
• Alarm setpoint
• Hysteresis (deadband)
• Averaging
• Others
(Refer to the instruction manual for details)
Sampling rate: 20 times/sec. (50 msec.)
Averaging: Simple average, moving average or no
averaging
Lockout setting: Prohibiting certain operations; protecting
settings
DISPLAY
Main display: 5½ digits, LCD with LED backlight, 7-segment,
14.2 mm (.56) high
Color: Red or green changeable at alarm
Scaling range: -20000 to 100000
Decimal point position: 10–1, 10–2, 10–3, 10–4 or none
Zero indication: Higher-digit zeros are suppressed.
Sub display: 7 digits, LCD with LED backlight, 7-segment,
5.5 mm (.22) high
Color: Green
Over-range indication: ‘-20000’ or ‘100000’ blinking for
display values out of the scaled range (decimal point
position depending upon setting). ‘S.ERR’ (main display)
and ‘OVER’ (sub display) blinking when the input signal is
out of the usable range.
Bargraph
No. of LED segments: 20, displayed with divided by 10
Color: Amber
Alarm status indication
All setpoints can be set and indicated regardless of alarm
output options. Each is independently set either for Hi or Lo
alarm trip.
LL indicator: Turns on in red when the LL alarm is tripped.
L indicator: Turns on in red when the L alarm is tripped.
H indicator: Turns on in green when the H alarm is tripped.
HH indicator: Turns on in green when the HH alarm is
tripped.
P indicator: Turns on in amber when none of the other
alarms is tripped.
Status indicators: Max, Min, FZ, TZ
Display max./min. value, Amber LED turns on at
forced zero mode and tare adjustment mode
Function indicators
Hld: Turns on in green when HOLD signal is ON
TG: Turns on in green when TIMING signal is ON
NG: Blinking in green when a parameter is invalid
Zro: Turns on in green at zero setting of scaling setting
mode
Spn: Turns on in green at span setting of scaling setting
mode
Tch: Turns on in green at input scaling, blinking in red at
teach calibration
Engineering unit indication: Sticker label attached
DC, AC, mV, V, kV, μA, mA, A, kA, mW, W,
kW, var, kvar, Mvar, VA, Hz, Ω, kΩ, MΩ,
cm, mm, m, m/sec, mm/min, cm/min, m/min,
m/h, m/s2, inch, ℓ, ℓ/s, ℓ/min, ℓ/h, m3, m3/sec,
m3/min, m3/h, Nm3/h, N·m, N/m2, g, kg, kg/h,
N, kN, Pa, kPa, MPa, t, t/h, ℃, °F, %RH, J,
kJ, MJ, rpm, sec, min, min-1, pH, %, ppm, etc.
INPUT SPECIFICATIONS
Input frequency: 40 Hz – 1 kHz
Overload capacity: 200 % of rating for 10 sec.,
110 % of rating continuous
0 – 0.2 V
0 – 0.22 V
1 MΩ minimum
0 – 2 V
0 – 2.2 V
0 – 220 V
0 – 20 V
0 – 22 V
MEASURING
RANGE
TYPE ID
OPERATIONAL
RANGE
INPUT
IMPEDANCE
INPUT CODE: 1 (AC voltage)
0 – 200 V
1 MΩ minimum
1 MΩ minimum
1 MΩ minimum
0 – 0.2 mA
0 – 0.22 mA
100 Ω
0 – 2 mA
0 – 2.2 mA
0 – 220 mA
0 – 20 mA
0 – 22 mA
MEASURING
RANGE
TYPE ID
OPERATIONAL
RANGE
INPUT
IMPEDANCE
INPUT CODE: 2 (AC current)
0 – 200 mA
100 Ω
1 Ω
1 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com