Electronic Components Datasheet Search
  English  ▼

X  

47DAC Datasheet(PDF) 9 Page - M-System Co.,Ltd.

Part # 47DAC
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DAC Datasheet(HTML) 9 Page - M-System Co.,Ltd.

Back Button 47DAC Datasheet HTML 4Page - M-System Co.,Ltd. 47DAC Datasheet HTML 5Page - M-System Co.,Ltd. 47DAC Datasheet HTML 6Page - M-System Co.,Ltd. 47DAC Datasheet HTML 7Page - M-System Co.,Ltd. 47DAC Datasheet HTML 8Page - M-System Co.,Ltd. 47DAC Datasheet HTML 9Page - M-System Co.,Ltd. 47DAC Datasheet HTML 10Page - M-System Co.,Ltd. 47DAC Datasheet HTML 11Page - M-System Co.,Ltd. 47DAC Datasheet HTML 12Page - M-System Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
MODEL: 47DAC
47DAC SPECIFICATIONS
ES-9518 Rev.4 Page 9/12
http://www.m-system.co.jp/
Digital Panel Meter
+6 V
2 kΩ
1.5 kΩ
2 kΩ
1.5 kΩ
COM
COM
REQ
RESET
9A
Do11
Do12
Do14
Do18
23B
21B
19B
17B
16A
15A
8A
DAV
RUN
POL
(polarity +, –)
1st LSD
+24 V
0 V
DC Power Supply
PLC Transistor Output Unit
OUT
OUT
(0 V)
24 V DC
COM
BCD Input Module
IN
IN
IN
IN
IN
IN
IN
Digital Panel Meter
+6 V
2 kΩ
1.5 kΩ
2 kΩ
1.5 kΩ
COM
COM
REQ
RESET
9A
Do11
Do12
Do14
Do18
23B
21B
19B
17B
16A
15A
8A
DAV
RUN
POL
(polarity +, –)
shortcircuit
6th LSD
2nd LSD
1st LSD
Digital Display
■ TERMINAL C : BCD OUTPUT
Digital
Computation
Isolation
BCD
Output
• Connector Pin Assignment
PIN NO.
1A
2A
3A
4A
5A
6A
7A
8A
9A
10A
11A
12A
13A
14A
15A
16A
17A
18A
19A
20A
21A
22A
23A
24A
25A
ASSIGNMENT
COM
COM
LL
L
PASS
H
HH
POL
RESET
HOLD
MIN_REQ
MAX_REQ
REQ
COM
RUN
DAV
OVF
Do 58
Do 54
Do 52
Do 51
Do 48
Do 44
Do 42
Do 41
PIN NO.
1B
2B
3B
4B
5B
6B
7B
8B
9B
10B
11B
12B
13B
14B
15B
16B
17B
18B
19B
20B
21B
22B
23B
24B
25B
ASSIGNMENT
Do 38
COM
Do 34
COM
Do 32
COM
Do 31
COM
Do 28
COM
Do 24
COM
Do 22
COM
Do 21
Do 68
Do 18
Do 64
Do 14
Do 62
Do 12
Do 61
Do 11
COM
COM
1A
1B
25A
25B
• Open collector
Voltage Level at ON
Hi
Lo
Output Logic
Positive
Negative
Output
• Output Logic
• Connected to a PLC (example)
Use Special cable (model: HDR40) and Connector Terminal Block
(model: CNT).
Refer to the cable’s data sheet for pin assignments.
• Connected to a digital display (example)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com