Electronic Components Datasheet Search
  English  ▼

X  

47DAC Datasheet(PDF) 7 Page - M-System Co.,Ltd.

Part # 47DAC
Description  Digital Panel Meters 47 Series
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MSYSTEM [M-System Co.,Ltd.]
Direct Link  https://www.m-system.co.jp/
Logo MSYSTEM - M-System Co.,Ltd.

47DAC Datasheet(HTML) 7 Page - M-System Co.,Ltd.

Back Button 47DAC Datasheet HTML 3Page - M-System Co.,Ltd. 47DAC Datasheet HTML 4Page - M-System Co.,Ltd. 47DAC Datasheet HTML 5Page - M-System Co.,Ltd. 47DAC Datasheet HTML 6Page - M-System Co.,Ltd. 47DAC Datasheet HTML 7Page - M-System Co.,Ltd. 47DAC Datasheet HTML 8Page - M-System Co.,Ltd. 47DAC Datasheet HTML 9Page - M-System Co.,Ltd. 47DAC Datasheet HTML 10Page - M-System Co.,Ltd. 47DAC Datasheet HTML 11Page - M-System Co.,Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
MODEL: 47DAC
47DAC SPECIFICATIONS
ES-9518 Rev.4 Page 7/12
http://www.m-system.co.jp/
MOUNTING REQUIREMENTS unit: mm
92
+ 0.8
– 0
min. 120
Panel thickness: 1.6 to 8.0 mm
SCHEMATIC CIRCUITRY & CONNECTION DIAGRAM
■ REAR TERMINAL ASSIGNMENTS
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
TERMINAL A
TERMINAL C
TERMINAL B
TERMINAL D
1B
1A
25B
25A
11
13
12
14 15
16
■ TERMINAL A: BASIC
9
10
POWER
U(+)
V(–)
Digital
Computation
Infrared
Interface
Display /
Setting
A/D
Converter
1
4
3
2
6
5
DC OUTPUT
7
8
+
–
+
+
–
200 / 20
2 / 0.2
COM
Isolation
Output
Driver
INPUT
Note: The section enclosed by broken line is only with DC output option.
• Input Terminal Assignments
MEASURING
RANGE
TYPE ID
INPUT
TERMINALS
3 – 5
3 – 5
2 – 5
2 – 5
MEASURING
RANGE
TYPE ID
INPUT
TERMINALS
3 – 5
3 – 5
2 – 5
2 – 5
0 – 0.2 V
0 – 2 V
0 – 0.2 mA
0 – 2 mA
0 – 20 mA
0 – 200 mA
0 – 20 V
0 – 200 V
INPUT CODE: 1
INPUT CODE: 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com