Electronic Components Datasheet Search
  English  ▼

X  

489D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 489D
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D Datasheet(HTML) 4 Page - Vishay Siliconix

  489D Datasheet HTML 1Page - Vishay Siliconix 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix 489D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
489D, 499D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
4
Document Number: 42070
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
STANDARD RATINGS
CAPACITANCE
CR
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
489D
MAX. DCL
AT +25 °C
(μA)
499D
MAX. DF, 100 Hz
AT +25 °C
(%)
489D, 499D
UR = 3 VDC AT +85 °C, SURGE = 4 V; UC = 2 VDC AT +125 °C, SURGE = 2.6 V (ONLY 499D)
6.8
A
489D685X(*)003A_ _
1.0
0.5
6
10
B
489D106X(*)003B_ _
1.0
0.5
8
15
B
489D156X(*)003B_ _
1.0
0.5
8
22
C
489D226X(*)003C_ _
1.0
0.5
8
33
C
489D336X(*)003C_ _
1.4
0.7
8
47
D
489D476X(*)003D_ _
2.1
1.1
8
68
D
489D686X(*)003D_ _
3.0
1.6
8
100
E
489D107X(*)003E_ _
4.5
2.4
10
150
H
489D157X(*)003H_ _
6.7
3.6
10
220
M
489D227X(*)003M_ _
9.9
5.2
10
330
N
489D337X(*)003N_ _
14.8
7.9
10
470
N
489D477X(*)003N_ _
21.1
11.2
12
680
R
489D687X(*)003R_ _
30.6
16.3
12
UR = 6.3 VDC AT +85 °C, SURGE = 8 V; UC = 4 VDC AT +125 °C, SURGE = 5.2 V (ONLY 499D)
4.7
A
489D475X(*)6R3A_ _
1.0
0.5
6
6.8
A
489D685X(*)6R3A_ _
1.0
0.5
6
10
B
489D106X(*)6R3B_ _
1.0
0.5
8
15
B
489D156X(*)6R3B_ _
1.4
0.7
8
22
C
489D226X(*)6R3C_ _
2.0
1.1
8
33
C
489D336X(*)6R3C_ _
3.1
1.6
8
47
D
489D476X(*)6R3D_ _
4.4
2.3
8
68
D
489D686X(*)6R3D_ _
6.4
3.4
8
100
E
489D107X(*)6R3E_ _
9.4
5.0
10
150
M
489D157X(*)6R3M_ _
14.1
7.5
10
220
M
489D227X(*)6R3M_ _
20.7
11.0
10
330
N
489D337X(*)6R3N_ _
31.1
16.6
10
470
R
489D477X(*)6R3R_ _
44.4
23.6
12
680
R
489D687X(*)6R3R_ _
64.2
34.2
12
UR = 10 VDC AT +85 °C, SURGE = 13 V; UC = 7 VDC AT +125 °C, SURGE = 8.6 V (ONLY 499D)
3.3
A
489D335X(*)010A_ _
1.0
0.5
6
4.7
A
489D475X(*)010A_ _
1.0
0.5
6
6.8
B
489D685X(*)010B_ _
1.0
0.5
6
10
B
489D106X(*)010B_ _
1.5
0.8
8
15
C
489D156X(*)010C_ _
2.2
1.2
8
22
C
489D226X(*)010C_ _
3.3
1.7
8
33
D
489D336X(*)010D_ _
4.9
2.6
8
47
D
489D476X(*)010D_ _
7.0
3.7
8
68
E
489D686X(*)010E_ _
10.2
5.4
8
100
M
489D107X(*)010M_ _
15.0
8.0
10
150
M
489D157X(*)010M_ _
22.5
12.0
10
220
N
489D227X(*)010N_ _
33.0
17.6
10
330
R
489D337X(*)010R_ _
49.5
26.4
10
Note
489D Type part number 489D, 499D
(*) Insert 0 for ± 20 % tolerance or 9 for ± 10 %
_ _ Case code / lead style see case code table



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com