Electronic Components Datasheet Search
  English  ▼

X  

489D Datasheet(PDF) 8 Page - Vishay Siliconix

Part # 489D
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D Datasheet(HTML) 8 Page - Vishay Siliconix

Back Button 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix 489D Datasheet HTML 9Page - Vishay Siliconix 489D Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
489D, 499D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
8
Document Number: 42070
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
GUIDE TO APPLICATION
1. AC Ripple Current: the maximum allowable ripple
current shall be determined from the formula:
where,
P = power dissipation in W at +25 °C as given below
RESR = the capacitor Equivalent Series Resistance at the
specified frequency
2. AC Ripple Voltage: the maximum allowable ripple
voltage shall be determined from the formula:
where,
Z = the capacitor impedance at the specified frequency
3. AC Ripple Current or Voltage Derating Factor: if these
capacitors are to be operated at temperatures above
+25 °C, the permissible RMS ripple current or voltage
shall be calculated using the derating factors in the table
below:
4. Power Dissipation: power dissipation will be affected by
the heat sinking capability of the mounting surface.
Non-sinusoidal ripple current may produce heating
effects which differ from those shown in the following
table. It is important that the equivalent IRMS value be
established when calculating permissible operating
levels.
5. Cleaning: these capacitors are compatible with all
commonly used solvents, such as TES, TMS, Prelete and
Chloretane. Solvents containing methylene chloride or
other epoxy solvents should be avoided since these will
attack the epoxy encapsulation material.
TEMPERATURE
DERATING FACTOR
+25 °C
1.0
+55 °C
0.9
+85 °C
0.8
+125 °C
0.4
I
RMS
P
R
ESR
------------
=
V
RMS
P
R
ESR
------------ x
Z
=
CASE CODE
POWER DISSIPATION AT +25 °C (W)
A
0.080
B
0.090
C
0.100
D
0.110
E
0.120
F
0.130
H
0.140
M
0.150
N
0.160
R
0.180
PRODUCT INFORMATION
Mounting of Through Hole Components
www.vishay.com/doc?40108
Solid Tantalum Capacitors (With MnO2 Electrolyte) Voltage Derating
www.vishay.com/doc?40246
SELECTOR GUIDES
Quick Reference Guide
www.vishay.com/doc?40037
Selector Guide
www.vishay.com/doc?49054
Parameter Comparison Guide
www.vishay.com/doc?40033
FAQ
Frequently Asked Questions
www.vishay.com/doc?40110



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com