Electronic Components Datasheet Search
  English  ▼

X  

489D Datasheet(PDF) 7 Page - Vishay Siliconix

Part # 489D
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D Datasheet(HTML) 7 Page - Vishay Siliconix

Back Button 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix 489D Datasheet HTML 9Page - Vishay Siliconix 489D Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
489D, 499D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
7
Document Number: 42070
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
PERFORMANCE CHARACTERISTICS
1. Operating Temperature: -55 °C to +85 °C with rated DC
voltage UR applied. +85 °C to +125° C with linear voltage
derating to category voltage UC for 499D only (see
general information)
2. Capacitance and Tolerance: capacitance measured at
100 Hz and +25 °C shall be within the specified tolerance
limits of the nominal rating. Capacitance measurement
shall be made by means of a polarized capacitance
bridge. No polarizing voltage is required. The maximum
voltage applied during measurements shall be 0.5 VRMS
at 100 Hz and +25 °C.
3. Reverse Voltage: these capacitors are capable of
withstanding peak voltage in the reverse direction equal to:
15 % of the rated DC voltage at +20 °C
10 % of the rated DC voltage at +25 °C
5 % of the rated DC voltage at +85 °C
4. Surge Voltage:
Note
(1) For 499D
Capacitors shall withstand the surge voltage applied in
series with a 1000
 (± 5 %) resistor, at the rate of 1.5 min
on, 5.5 min off for 1000 successive test cycles at +85 °C.
After test, capacitance change shall not exceed 10 % of
initial value, dissipation factor and DC leakage current
shall meet initial requirements at +25 °C - Table 2.
6. Life Test: after 2000 h at +85 °C with rated DC voltage
applied, or after 1000 h at +125 °C. With derated DC
voltage (only for 499D), capacitors shall meet the
requirements in table below.
7. Humidity Test: after 21 days (504 h) (1) at +40 °C, 90 %
to 95 % of relative humidity (per IEC 68-2-3) with no
voltage applied, capacitors shall meet the requirements
in table below.
Note
(1) Humidity test is 56 days (1350 hours) for 499D
8. Marking: the capacitors shall be marked with the rated
capacitance and the rated DC working voltage. A code
may be used for both capacitance and voltage. Units
rated at 6.3 volts are usually marked as 6 volts. The
package shall be marked with full Vishay part number,
date code, and quantity.
5. Stability at low and high temperatures:
489D - Table 2A
Notes
(1) Rated voltage applied for 5 min with a series resistor of 1000
(2) Only for 499D
DC rated voltage
at +85 °C (V)
3
6.3
10
16
20
25
35
50
DC surge voltage
at +85 °C (V)
4
8
13
20
26
32
46
65
DC rated voltage
at +125 °C (V) (1)
2
4
7
10
13
17
23
33
DC surge voltage
at +125 °C (V) (1)
2.6
5.2 8.6
13
16
21
28
40
Capacitance change
Within ± 10 % of initial value
DC leakage current
Within initial requirements at +25 °C
Dissipation factor
Within initial requirements at +25 °C
Capacitance change
Within ± 5 % of initial value
DC leakage current
Within initial requirements
at +25 °C - Table 2
Dissipation factor
Within initial requirements
at +25 °C - Table 2
TEMP.
CAPACITANCE CHANGE
DC LEAKAGE CURRENT (1)
DISSIPATION FACTOR AT 100 Hz
-55 °C
-10 % of initial value
-----------
CR  1.5 μF
1.5 μF < CR < 10 μF
10 μF < CR < 100 μF
100 μF
 C
R  330 μF
330 μF < CR
4 % max.
6 % max.
8 % max.
10 % max.
12 % max.
+25 °C
-------------
0.015 CR x UR or 1 μA,
whichever is greater
+85 °C
+10 % of initial value
0.15 CR x UR or 10 μA,
whichever is greater
TEMP.
CAPACITANCE CHANGE
DC LEAKAGE CURRENT (1)
DISSIPATION FACTOR AT 100 Hz
-55 °C
-10 % of initial value
-------------
CR  1.5 μF
1.5 μF < CR < 10 μF
10 μF < CR < 100 μF
100 μF
 C
R  330 μF
330 μF < CR
4 % max.
6 % max.
8 % max.
10 % max.
12 % max.
+25 °C
------------
0.008 CR x UR or 0.5 μA,
whichever is greater
+85 °C
+10 % of initial value
0.08 CR x UR or 5 μA,
whichever is greater
+125 °C (2)
+10 % of initial value
0.1 CR x UR or 6.25 μA,
whichever is greater



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com