Electronic Components Datasheet Search
  English  ▼

X  

489D Datasheet(PDF) 9 Page - Vishay Siliconix

Part # 489D
Description  Resin-Coated, Radial-Lead Solid Tantalum Capacitors
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

489D Datasheet(HTML) 9 Page - Vishay Siliconix

Back Button 489D Datasheet HTML 2Page - Vishay Siliconix 489D Datasheet HTML 3Page - Vishay Siliconix 489D Datasheet HTML 4Page - Vishay Siliconix 489D Datasheet HTML 5Page - Vishay Siliconix 489D Datasheet HTML 6Page - Vishay Siliconix 489D Datasheet HTML 7Page - Vishay Siliconix 489D Datasheet HTML 8Page - Vishay Siliconix 489D Datasheet HTML 9Page - Vishay Siliconix 489D Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
489D, 499D
www.vishay.com
Vishay Sprague
Revision: 04-Aug-2020
9
Document Number: 42070
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
TAPE PACKAGING DIMENSIONS in inches [millimeters] per EIA-468 (available on reel or in ammo box)
SYMBOL
DESCRIPTION
DIMENSIONS
TOLERANCE
P
Component pitch
0.500 [12.7]
± 0.039 [± 1.0]
P0
Feed hole pitch
0.500 [12.7]
± 0.012 [± 0.3]
W
Tape width
0.709 [18.0]
+0.039 / -0.020 [+1.0 / -0.5]
W0
Hold down tape width
0.20 [5.0]
Minimum
W1
Feed hole position
0.354 [9.0]
+0.030 / -0.020 [+0.075 / -0.5]
W2
Hold down tape position
0.118 [3.0]
Maximum
H1
Overall component height above tape central line
1.26 [32.0]
Maximum
D0
Feed hole diameter
0.157 [4.0]
± 0.012 [± 0.3]
t
Tape thickness
0.028 [0.7]
Maximum
H0
Height to seating plane (style 6 - shouldered leads)
0.63 [16.0]
± 0.02 [± 0.5]
H
Height to seating plane (styles 2 and 4 - straight leads)
0.748 [19.0]
± 0.039 [± 1.0]
F
Pitch, or lead wire spacing
See lead styles dimensions table
P
Component alignment
0.051 [1.3]
Maximum
H
Component alignment
0.079 [2.0]
Maximum
L
Length of shipped leads
0.433 [11.0]
Maximum
P1
Feed hole center to wire center (lead spacing 2.5 mm)
0.20 [5.1]
± 0.028 [± 0.7]
Feed hole center to wire center (lead spacing 5.0 mm)
0.144 [3.65]
± 0.028 [± 0.7]
P2
Feed hole center to component center
0.25 [6.35]
± 0.051 [± 1.3]
'h
W
2
D
0
H
0
W
0
W
1
W
t
P
1
P
2
H
1
F
P
'P
P
2
P
P
1
F
P
0
L
H
Unreeling direction



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com