Electronic Components Datasheet Search
  English  ▼

X  

152D Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 152D
Description  Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152D Datasheet(HTML) 4 Page - Vishay Siliconix

  152D Datasheet HTML 1Page - Vishay Siliconix 152D Datasheet HTML 2Page - Vishay Siliconix 152D Datasheet HTML 3Page - Vishay Siliconix 152D Datasheet HTML 4Page - Vishay Siliconix 152D Datasheet HTML 5Page - Vishay Siliconix 152D Datasheet HTML 6Page - Vishay Siliconix 152D Datasheet HTML 7Page - Vishay Siliconix 152D Datasheet HTML 8Page - Vishay Siliconix 152D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
152D
www.vishay.com
Vishay Sprague
Revision: 17-Aug-2020
4
Document Number: 40016
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
35 VDC AT +85 °C, SURGE = 46 V; 23 VDC AT +125 °C, SURGE = 28 V
1.2
A
152D125(1)035A2(2)(3)
0.6
4
1.5
A
152D155(1)035A2(2)(3)
0.8
4
1.8
A
152D185(1)035A2(2)(3)
1.0
4
8.2
B
152D825(1)035B2(2)(3)
3.0
4
10
B
152D106(1)035B2(2)(3)
3.0
4
27
R
152D276(1)035R2(2)(3)
7.0
6
33
R
152D336(1)035R2(2)(3)
8.0
6
39
R
152D396(1)035R2(2)(3)
10.0
6
47
R
152D476(1)035R2(2)(3)
10.0
6
56
S
152D566(1)035S2(2)(3)
12.0
6
68
S
152D686(1)035S2(2)(3)
12.0
6
82
S
152D826(1)035S2(2)(3)
30.0
8
100
S
152D107(1)035S2(2)(3)
30.0
8
50 VDC AT +85 °C, SURGE = 65 V; 33 VDC AT +125 °C, SURGE = 40 V
1.2
A
152D125(1)050A2(2)(3)
0.6
4
1.5
A
152D155(1)050A2(2)(3)
0.8
4
5.6
B
152D565(1)050B2(2)(3)
2.5
4
6.8
B
152D685(1)050B2(2)(3)
2.5
4
22
R
152D226(1)050R2(2)(3)
7.0
6
27
R
152D276(1)050R2(2)(3)
8.0
6
33
S
152D336(1)050S2(2)(3)
10.0
6
39
S
152D396(1)050S2(2)(3)
10.0
6
47
S
152D476(1)050S2(2)(3)
10.0
6
60 VDC AT +85 °C, SURGE = 78 V; 39 VDC AT +125 °C, SURGE = 49 V
22
R
152D226(1)060R2(2)(3)
7
6
TAPE AND REEL PACKAGING in inches [millimeters]
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
Note
• Part number definitions:
(1) For 10 % tolerance specify “X9”; for 20 % specify “X0”; for 5 % “X5” (special order)
(2) Packaging options: B = bulk, T = tape and reel, G = ammo pack
(3) Termination: E3 = 100 % tin, blank = SnPb
1.126 to 3.07
[28.6 to 78.0]
I. D. reel hub
13.0 [330.2]
Standard reel
Thru hole
Label (4. a)
1.374 to 3.626
[34.9 to 92.1]
Section “A” to “A”
A
B
Both sides (3. f)
0.031 [0.79] max.
Off center (1. a)
0.125 [3.18] max.
0.250 [6.35] (3. b)
0.031 [0.79] (3. f)
0.750 [19.05]
0.625 ± 0.0062 dia.
[15.88 ± 1.575]
“A”
“A”
Tape spacing
Component
spacing
Meets EIA standard RS-296



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com