Electronic Components Datasheet Search
  English  ▼

X  

152D Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 152D
Description  Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152D Datasheet(HTML) 1 Page - Vishay Siliconix

  152D Datasheet HTML 1Page - Vishay Siliconix 152D Datasheet HTML 2Page - Vishay Siliconix 152D Datasheet HTML 3Page - Vishay Siliconix 152D Datasheet HTML 4Page - Vishay Siliconix 152D Datasheet HTML 5Page - Vishay Siliconix 152D Datasheet HTML 6Page - Vishay Siliconix 152D Datasheet HTML 7Page - Vishay Siliconix 152D Datasheet HTML 8Page - Vishay Siliconix 152D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
152D
www.vishay.com
Vishay Sprague
Revision: 17-Aug-2020
1
Document Number: 40016
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Solid-Electrolyte TANTALEX™ Capacitors,
Extended Capacitance Values, Hermetically-Sealed
FEATURES
• Axial through-hole terminations:
tin / lead (SnPb), 100 % tin (RoHS-compliant)
• High capacitance and small size
• Exceptional operating stability
• Hermetically-sealed, cylindrical, metal-case
• Low leakage current and low dissipation factor
• The military equivalent of the 152D is the M39003/03 (style
CSR23) which is qualified to MIL-PRF-39003/3
• Provide proven reliability in a wide variety of high
performance military, industrial and commercial markets
• Material categorization: for definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are
RoHS-compliant and / or parts that are non RoHS-compliant. For
example, parts with lead (Pb) terminations are not RoHS-compliant.
Please see the information / tables in this datasheet for details
PERFORMANCE CHARACTERISTICS
Operating Temperature: -55 °C to +85 °C
(to +125 °C with voltage derating)
Capacitance Tolerance: at 120 Hz, +25 °C
± 20 % and ± 10 % standard. ± 5 % available as special
Dissipation Factor: at 120 Hz, +25 °C
Dissipation factor, as determined from the expression
2
πfRC, shall not exceed the values listed in the Standard
Ratings table
DC Leakage Current (DCL Max.):
at +25 °C: leakage current shall not exceed the values listed
in the Standard Ratings table
at +85 °C: leakage current shall not exceed 10 times the
values listed in the Standard Ratings table
At +125 °C: leakage shall not exceed 12 times the values
listed in the Standard Ratings table
Life Test: capacitors shall withstand rated DC voltage
applied at +85 °C for 2000 h or derated DC voltage applied
at +125 °C for 1000 h
Following the life test:
1. DCL shall not exceed 125 % of the initial requirement. In
no case need the leakage current be less than 2 μA
2. Dissipation factor shall meet the initial requirement
3. Change in capacitance shall not exceed ± 5 %
Available
Available
ORDERING INFORMATION
152D
106
X0
006
A
2
T
E3
MODEL
CAPACITANCE
CAPACITANCE
DC VOLTAGE RATING
CASE
STYLE
PACKAGING
RoHS-
TOLERANCE
AT +85 °C
CODE
NUMBER
COMPLIANT
This is expressed
in picofarads. The
first two digits are
the significant
figures. The third
is the number of
zeros to follow.
X0 = ± 20 %
X9 = ± 10 %
X5 = ± 5 % *
* Special order
This is expressed in
volts. To complete the
three-digit block,
zeros precede the
voltage rating.
See
Ratings
and Case
Codes
table
2 = insulated
sleeve
B = bulk
T = tape
and reel
G = ammo
pack
E3 = 100 % tin
termination
(RoHS-compliant)
Blank = SnPb
termination


Similar Part No. - 152D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
152D685X9015A2T VISHAY-152D685X9015A2T Datasheet
101Kb / 5P
Solid-Electrolyte TANTALEX® Capacitors, Extended Capacitance Values, Hermetically-Sealed
09-Mar-12
More results

Similar Description - 152D

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
150D VISHAY-150D Datasheet
72Kb / 9P
Solid-Electrolyte TANTALEX Capacitors Hermetically-Sealed, Axial-Lead
16-Jan-08
173D VISHAY-173D Datasheet
81Kb / 6P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded-Case
13-Jun-02
152D685X9015A2T VISHAY-152D685X9015A2T Datasheet
101Kb / 5P
Solid-Electrolyte TANTALEX® Capacitors, Extended Capacitance Values, Hermetically-Sealed
09-Mar-12
199D686X9025F6V1 VISHAY-199D686X9025F6V1 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors
29-Nov-12
173D107X9020YWE3 VISHAY-173D107X9020YWE3 Datasheet
114Kb / 10P
Solid-Electrolyte TANTALEX Capacitors, Axial-Leaded, Molded Case
05-Apr-12
199D106X9025C1V1E3 VISHAY-199D106X9025C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
199D225X9050C1V1E3 VISHAY-199D225X9050C1V1E3 Datasheet
114Kb / 7P
Solid-Electrolyte TANTALEX® Capacitors, Resin-Coated, Radial-Lead
29-Nov-12
M39003 VISHAY-M39003 Datasheet
86Kb / 6P
Solid-Electrolyte TANTALEX™ Capacitors, Military MIL-PRF-39003/09 Qualified, Style CSR21
05-Aug-2020
173D104X9035UWE3 VISHAY-173D104X9035UWE3 Datasheet
123Kb / 10P
Solid-Electrolyte TANTALEX™ Capacitors, Axial-Leaded, Molded Case
04-Aug-2020
199D VISHAY-199D_V01 Datasheet
119Kb / 8P
olid-Electrolyte TANTALEX™ Capacitors, Resin-Coated, Radial-Lead
04-Aug-2020
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com