Electronic Components Datasheet Search
  English  ▼

X  

152D Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 152D
Description  Solid-Electrolyte TANTALEX™ Capacitors, Extended Capacitance Values, Hermetically-Sealed
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

152D Datasheet(HTML) 3 Page - Vishay Siliconix

  152D Datasheet HTML 1Page - Vishay Siliconix 152D Datasheet HTML 2Page - Vishay Siliconix 152D Datasheet HTML 3Page - Vishay Siliconix 152D Datasheet HTML 4Page - Vishay Siliconix 152D Datasheet HTML 5Page - Vishay Siliconix 152D Datasheet HTML 6Page - Vishay Siliconix 152D Datasheet HTML 7Page - Vishay Siliconix 152D Datasheet HTML 8Page - Vishay Siliconix 152D Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
152D
www.vishay.com
Vishay Sprague
Revision: 17-Aug-2020
3
Document Number: 40016
For technical questions, contact: tantalum@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
15 VDC AT +85 °C, SURGE = 20 V; 10 VDC AT +125 °C, SURGE = 12 V
3.9
A
152D395(1)015A2(2)(3)
1.0
4
4.7
A
152D475(1)015A2(2)(3)
1.0
4
5.6
A
152D565(1)015A2(2)(3)
1.3
4
6.8
A
152D685(1)015A2(2)(3)
1.3
6
27
B
152D276(1)015B2(2)(3)
3.0
6
33
B
152D336(1)015B2(2)(3)
5.0
6
39
B
152D396(1)015B2(2)(3)
5.0
6
82
R
152D826(1)015R2(2)(3)
8.0
6
100
R
152D107(1)015R2(2)(3)
10.0
8
120
R
152D127(1)015R2(2)(3)
10.0
8
150
R
152D157(1)015R2(2)(3)
15.0
8
180
R
152D187(1)015R2(2)(3)
15.0
8
220
S
152D227(1)015S2(2)(3)
20.0
8
270
S
152D277(1)015S2(2)(3)
20.0
8
330
S
152D337(1)015S2(2)(3)
20.0
8
20 VDC AT +85 °C, SURGE = 26 V; 13 VDC AT +125 °C, SURGE = 16 V
2.7
A
152D275(1)020A2(2)(3)
0.8
4
3.3
A
152D335(1)020A2(2)(3)
1.0
4
3.9
A
152D395(1)020A2(2)(3)
1.2
4
4.7
A
152D475(1)020A2(2)(3)
1.2
4
18
B
152D186(1)020B2(2)(3)
3.0
4
22
B
152D226(1)020B2(2)(3)
3.0
4
27
B
152D276(1)020B2(2)(3)
4.0
4
56
R
152D566(1)020R2(2)(3)
7.0
6
68
R
152D686(1)020R2(2)(3)
8.0
6
82
R
152D826(1)020R2(2)(3)
10.0
6
100
R
152D107(1)020R2(2)(3)
12.0
6
120
R
152D127(1)020R2(2)(3)
12.0
6
150
S
152D157(1)020S2(2)(3)
15.0
8
180
S
152D187(1)020S2(2)(3)
15.0
8
220
S
152D227(1)020S2(2)(3)
15.0
8
30 VDC AT +85 °C, SURGE = 39 V; 20 VDC AT +125 °C, SURGE = 26 V
2.2
A
152D225(1)030A2(2)(3)
1.0
4
2.7
A
152D275(1)030A2(2)(3)
1.0
4
12
B
152D126(1)030B2(2)(3)
3.0
4
15
B
152D156(1)030B2(2)(3)
3.0
4
18
B
152D186(1)030B2(2)(3)
3.0
4
56
R
152D566(1)030R2(2)(3)
7.0
6
68
R
152D686(1)030R2(2)(3)
7.0
6
82
S
152D826(1)030S2(2)(3)
10.0
8
100
S
152D107(1)030S2(2)(3)
10.0
8
STANDARD RATINGS
CAPACITANCE
(μF)
CASE CODE
PART NUMBER
MAX. DCL
AT +25 °C
(μA)
MAX. DF
AT +25 °C
120 Hz
(%)
Note
• Part number definitions:
(1) For 10 % tolerance specify “X9”; for 20 % specify “X0”; for 5 % “X5” (special order)
(2) Packaging options: B = bulk, T = tape and reel, G = ammo pack
(3) Termination: E3 = 100 % tin, blank = SnPb



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com